Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VLHW5100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. VLHW5100
Description  Ultrabright White LED, Ø 5 mm Untinted Non-Diffused Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLHW5100 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLHW5100 Datasheet HTML 1Page - Vishay Siliconix VLHW5100 Datasheet HTML 2Page - Vishay Siliconix VLHW5100 Datasheet HTML 3Page - Vishay Siliconix VLHW5100 Datasheet HTML 4Page - Vishay Siliconix VLHW5100 Datasheet HTML 5Page - Vishay Siliconix VLHW5100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VLHW5100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 29-Apr-13
3
Document Number: 81159
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Flux vs. Forward Current
Fig. 6 - Relative Luminous Intensity vs. Ambient Temperature
0
5
10
15
20
25
30
35
40
0
1020 3040 5060 7080 90 100
Tamb - Ambient Temperature (°C)
18153
0.4
0.2
0
94 8351-1
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
400 450 500 550 600 650 700 750 800
λ - Wavelength (nm)
21226
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VF - Forward Voltage (V)
16195
0.01
0.1
1
10
110
100
21720
IF - Forward Current (mA)
0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
Tamb - Ambient Temperature (°C)
18155


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn