Electronic Components Datasheet Search |
|
TLVH4200 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
TLVH4200 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 10 page TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420. www.vishay.com Vishay Semiconductors Rev. 2.1, 14-Oct-14 2 Document Number: 83057 For technical questions, contact: LED@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) TLVH4200, TLVH4201, RED PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Luminous flux IF = 15 mA TLVH4200 φV 10 55 - mlm TLVH4201 φV 40 - 125 mlm Dominant wavelength IF = 10 mA λd 612 - 625 nm Peak wavelength IF = 10 mA λp - 635 - nm Angle of half intensity IF = 10 mA ϕ -± 85 - deg Forward voltage IF = 20 mA VF -2.4 3 V Reverse voltage IR = 10 μA VR 615 - V Junction capacitance VR = 0 V, f = 1 MHz Cj -50- pF OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) TLVS4200, SOFT ORANGE PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Luminous flux IF = 15 mA TLVS4200 φV 10 70 - mlm Dominant wavelength IF = 10 mA λd 598 - 611 nm Peak wavelength IF = 10 mA λp - 605 - nm Angle of half intensity IF = 10 mA ϕ -± 85 - deg Forward voltage IF = 20 mA VF -2.4 3 V Reverse voltage IR = 10 μA VR 615 - V Junction capacitance VR = 0 V, f = 1 MHz Cj -50- pF OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) TLVY4200, YELLOW PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Luminous flux IF = 15 mA TLVY4200 φV 10 30 - mlm Dominant wavelength IF = 10 mA λd 581 - 594 nm Peak wavelength IF = 10 mA λp - 585 - nm Angle of half intensity IF = 10 mA ϕ -± 85 - deg Forward voltage IF = 20 mA VF -2.4 3 V Reverse voltage IR = 10 μA VR 615 - V Junction capacitance VR = 0 V, f = 1 MHz Cj -50- pF OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) TLVG4200, GREEN PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Luminous flux IF = 15 mA TLVG4200 φV 10 30 - mlm Dominant wavelength IF = 10 mA λd 562 - 575 nm Peak wavelength IF = 10 mA λp - 555 - nm Angle of half intensity IF = 10 mA ϕ -± 85 - deg Forward voltage IF = 20 mA VF -2.4 3 V Reverse voltage IR = 10 μA VR 615 - V Junction capacitance VR = 0 V, f = 1 MHz Cj -50- pF |
Similar Part No. - TLVH4200 |
|
Similar Description - TLVH4200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |