Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9801DGKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9801DGKT
Description  Level-Translating I2C Bus Buffer/Repeater
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9801DGKT Datasheet(HTML) 5 Page - Texas Instruments

  TCA9801DGKT Datasheet HTML 1Page - Texas Instruments TCA9801DGKT Datasheet HTML 2Page - Texas Instruments TCA9801DGKT Datasheet HTML 3Page - Texas Instruments TCA9801DGKT Datasheet HTML 4Page - Texas Instruments TCA9801DGKT Datasheet HTML 5Page - Texas Instruments TCA9801DGKT Datasheet HTML 6Page - Texas Instruments TCA9801DGKT Datasheet HTML 7Page - Texas Instruments TCA9801DGKT Datasheet HTML 8Page - Texas Instruments TCA9801DGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
TCA9801
www.ti.com
SCPS265 – MARCH 2017
Product Folder Links: TCA9801
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All typical values are at nominal supply voltage (1.8 V) and TA = 25 °C unless otherwise specified.
(2)
SDAB, SCLB may not sink current from external sources. It is required that no source of external current be used on these pins for
proper device operation due to the internal current source.
(3)
Parameter guaranteed by design. Not tested in production.
(4)
VIL specification is for the first low-level seen by the SDAB and SCLB pins. IILC must also be satisfied in order to be interpreted as a low.
(5)
SDAB, SCLB have a maximum supported capacitive load for device operation. If this load capacitance maximum is violated, the device
does not function properly. SDAA, SCLA have no maximum capacitance limit.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
OUTPUT CHARACTERISTICS
VOL
Low-level output voltage
SDAA, SCLA
IOL = 6 mA, VILB = 0 V
0.04
0.13
V
SDAB, SCLB
VIA = 0 V
0.22
0.26
IEXT-I
(2)
Allowed input leakage current of ICS
SDAB, SCLB
0
200
µA
IEXT-O
(2)
Allowed output leakage current of ICS
SDAB, SCLB
0
100
µA
ICS
Current source value
1
mA
Current source tolerance
–25%
25%
INPUT CHARACTERISTICS
REN
Enable pin pull-up
150
250
450
k
VIH
High-level input voltage
SDAA, SCLA
0.7 ×
VCCA
VCCA
V
SDAB, SCLB(3)
0.7 ×
VCCB
VCCB
EN
0.7 ×
VCCA
VCCA
VIL
Low-level input voltage
SDAA, SCLA
0
0.3 ×
VCCA
V
SDAB, SCLB(4) (3)
0
0.3 ×
VCCB
EN
0
0.3 ×
VCCA
IILC
Low-level input current contention
SDAB, SCLB (4)
500
µA
RILC
Low-level allowed pull-down resistance
SDAB, SCLB (3)
150
CBUS
Bus capacitance limit
SDAB, SCLB(5)
0
400
pF
DC CHARACTERISTICS
UVLO
Under-voltage lock out
VCCA
VCCA rising and falling; VCCB =
1.65 or 3.6 V
0.3
0.55
0.8
V
VCCB
VCCB rising; VCCA = 0.8 or 3.6 V
1.3
1.51
1.6
VCCB falling; VCCA = 0.8 or 3.6 V
1.2
1.4
1.6
ICCA
Quiescent supply current for VCCA
SDAA = SCLA =
VCCA or
GND, SDAB =
SCLB = open,
EN = VCCA
VCCA = 0.8 V
0.1
7
µA
VCCA = 1.8 V
0.1
8
VCCA = 2.5 V
0.2
9
VCCA = 3.6 V
0.2
12
ICCB
Quiescent supply current for VCCB
Both channels
high, SDAA =
SCLA = pulled
up to
VCCA, SDAB =
SCLB = open,
EN = VCCA
VCCB = 1.8 V
22
50
µA
VCCB = 2.5 V
24
55
VCCB = 3.6 V
29
60
Both channels
low, SDAA =
SCLA = GND.
SDAB = SCLB =
open, EN =
VCCA
VCCB = 1.8 V
2.2
2.8
mA
VCCB = 2.5 V
2.3
2.9
VCCB = 3.6 V
2.4
2.9


Similar Part No. - TCA9801DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
More results

Similar Description - TCA9801DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9803 TI1-TCA9803 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com