Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61178 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61178
Description  20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61178 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61178 Datasheet HTML 1Page - Texas Instruments TPS61178 Datasheet HTML 2Page - Texas Instruments TPS61178 Datasheet HTML 3Page - Texas Instruments TPS61178 Datasheet HTML 4Page - Texas Instruments TPS61178 Datasheet HTML 5Page - Texas Instruments TPS61178 Datasheet HTML 6Page - Texas Instruments TPS61178 Datasheet HTML 7Page - Texas Instruments TPS61178 Datasheet HTML 8Page - Texas Instruments TPS61178 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
TPS61178, TPS611781
SLVSDA7 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPS61178 TPS611781
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range at terminals (2)
BST
–0.3
SW + 7
V
VIN, SW, VOUT, DISDRV, EN
–0.3
23
V
VCC, FB, COMP, FREQ / SYNC, ILIMIT
–0.3
7
V
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process. Manufacturing with less than 500-V HBM is possible with the necessary
precautions.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process. Manufacturing with less than 250-V CDM is possible with the necessary
precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
(1)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(3)
±750
7.3 Recommended Operating Conditions
Over operating free-air temperature range unless otherwise noted.
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.7
20
V
VOUT
Output voltage
4.5
20
V
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS61178x
TPS61178x
UNIT
RNW -13 PINs
RNW -13 PINs
Standard
EVM
RθJA
Junction-to-ambient thermal resistance
55.8
28.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.3
N / A
°C/W
RθJB
Junction-to-board thermal resistance
14.8
N / A
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.6
°C/W
ψJB
Junction-to-board characterization parameter
14.9
13.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.2
N / A
°C/W


Similar Part No. - TPS61178

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS611781 TI1-TPS611781 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178RNWR TI1-TPS61178RNWR Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178RNWT TI1-TPS61178RNWT Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178x TI1-TPS61178x Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results

Similar Description - TPS61178

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com