Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9803DGKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9803DGKR
Description  Level-Translating I2C Bus Buffer/Repeater
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9803DGKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCA9803DGKR Datasheet HTML 6Page - Texas Instruments TCA9803DGKR Datasheet HTML 7Page - Texas Instruments TCA9803DGKR Datasheet HTML 8Page - Texas Instruments TCA9803DGKR Datasheet HTML 9Page - Texas Instruments TCA9803DGKR Datasheet HTML 10Page - Texas Instruments TCA9803DGKR Datasheet HTML 11Page - Texas Instruments TCA9803DGKR Datasheet HTML 12Page - Texas Instruments TCA9803DGKR Datasheet HTML 13Page - Texas Instruments TCA9803DGKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
TCA9803
SCPS267 – MARCH 2017
www.ti.com
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TCA9803 is a dual-channel bidirectional buffer intended for I2C bus and SMBus/PMBus systems. It provides
bidirectional level shifting (up-translation and down-translation) between low voltages (down to 0.8 V) and higher
voltages (1.65 V to 3.6 V). The TCA9803 features an internal current source on the B-side of the device, allowing
the removal of external pull-up resistors on the B-side. The current source also provides an improved rise time
and ultra-low power consumption.
The TCA9803 is able to provide true buffering (rather than a pass-FET solution) without using a static voltage
offset or incremental offset. This means that the VOL on both the A and B sides of the TCA9803 are very low
(approximately 0.2 V), helping to eliminate communication issues as a result of fixed VIL thresholds. Another key
feature of the TCA9803 is that there are no power sequencing requirements, or power supply dependencies.
VCCA can be greater than, less than, or equal to VCCB. This gives the system designer flexibility with how the
TCA9803 is used.
The TCA9803 is part of a four device family with varying current source strengths (see the Device Comparison
Table).


Similar Part No. - TCA9803DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9803 TI1-TCA9803 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9803 TI1-TCA9803 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9803 TI1-TCA9803 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
More results

Similar Description - TCA9803DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com