Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA8865QI305 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # EA8865QI305
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

EA8865QI305 Datasheet(HTML) 5 Page - Active-Semi, Inc

  EA8865QI305 Datasheet HTML 1Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 2Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 3Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 4Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 5Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 6Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 7Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 8Page - Active-Semi, Inc EA8865QI305 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ACT8865
Rev 7, 22-Mar-16
www.active-semi.com
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2016 Active-Semi, Inc.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
OUT1
Output Feedback Sense for REG1. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
2
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1,GP2 and GP3
together at a single point as close to the IC as possible.
3
OUT4
Output Voltage for REG4. Capable of delivering up to 320mA of output current. Connect a 3.3µF
ceramic capacitor from OUT4 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
4
OUT5
Output Voltage for REG5. Capable of delivering up to 320mA of output current. Connect a 3.3µF
ceramic capacitor from OUT5 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
5
INL45
Power Input for REG4 and REG5. Bypass to GA with a high quality ceramic capacitor placed as
close to the IC as possible.
6
INL67
Power Input for REG6 and REG7. Bypass to GA with a high quality ceramic capacitor placed as
close to the IC as possible.
7
OUT6
Output Voltage for REG6. Capable of delivering up to 320mA of output current. Connect a 3.3µF
ceramic capacitor from OUT6 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
8
OUT7
Output Voltage for REG7. Capable of delivering up to 320mA of output current. Connect a 3.3µF
ceramic capacitor from OUT7 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
9
nPBIN
Master Enable Input. Drive nPBIN to GA through a 50kΩ resistor to enable the IC, drive nPBIN
directly to GA to assert a manual reset condition. Refer to the nPBIN Multi-Function Input section
for more information. nPBIN is internally pulled up to VVDDREF through a 35kΩ resistor.
10
PWRHLD
Power Hold Input. Refer to the Control Sequences section for more information.
11
nRSTO
Active Low Reset Output. See the nRSTO Output section for more information.
12
nIRQ
Open-Drain Interrupt Output. nIRQ asserts any time an unmasked fault condition exists or an
interrupt occurs. See the nIRQ Output section for more information.
13
nPBSTAT
Active-Low Open-Drain Push-Button Status Output. nPBSTAT is asserted low whenever the
nPBIN is pushed, and is high-Z otherwise. See the nPBSTAT Output section for more information.
14
GP3
Power Ground for REG3. Connect GA, GP1, GP2, and GP3 together at a single point as close to
the IC as possible.
15
SW3
Switching Node Output for REG3. Connect this pin to the switching end of the inductor.
16
VP3
Power Input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as close to the
IC as possible.
17
PWREN
Power Enable Input. Refer to the Control Sequences section for more information.
18
NC1
Not Connected. Not internally connected.
19
OUT3
Output Feedback Sense for REG3. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
20
VSEL
Step-Down DC/DCs Output Voltage Selection. Drive to logic low to select default output voltage.
Drive to logic high to select secondary output voltage. See the Output Voltage Programming
section for more information.
21
SCL
Clock Input for I2C Serial Interface.
22
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of SCL.


Similar Part No. - EA8865QI305

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA80 EXTECH-EA80 Datasheet
231Kb / 1P
   Indoor Air Quality Meter/Datalogger
EA80 EXTECH-EA80 Datasheet
188Kb / 1P
   Indoor Air Quality Meter/Datalogger
logo
List of Unclassifed Man...
EA800 ETC2-EA800 Datasheet
2Mb / 2P
   electromagnetic radio wave absorbers
EA8081-A3N ETC2-EA8081-A3N Datasheet
491Kb / 5P
   LCD-Modul 2x8 - 5.01mm INCL. CONTROLLER ST7066
logo
Extech Instruments Corp...
EA80 EXTECH-EA80_15 Datasheet
188Kb / 1P
   Indoor Air Quality Meter/Datalogger
More results

Similar Description - EA8865QI305

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EVK-ACT8945AQJ303-T ACTIVE-SEMI-EVK-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com