Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6911IMS-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6911IMS-1
Description  Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6911IMS-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6911IMS-1 Datasheet HTML 6Page - Linear Technology LTC6911IMS-1 Datasheet HTML 7Page - Linear Technology LTC6911IMS-1 Datasheet HTML 8Page - Linear Technology LTC6911IMS-1 Datasheet HTML 9Page - Linear Technology LTC6911IMS-1 Datasheet HTML 10Page - Linear Technology LTC6911IMS-1 Datasheet HTML 11Page - Linear Technology LTC6911IMS-1 Datasheet HTML 12Page - Linear Technology LTC6911IMS-1 Datasheet HTML 13Page - Linear Technology LTC6911IMS-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC6911-1/LTC6911-2
10
sn691112 691112fs
TYPICAL PERFOR A CE CHARACTERISTICS (LTC6911-1)
LTC6911-1 Gain Shift
vs Temperature
TEMPERATURE (
°C)
–50
0
0.025
–0.025
25
75
6911 G01
–25
0
50
0.050
–0.050
0.075
–0.075
0.100
–0.100
100
GAIN = 100
GAIN = 10
GAIN = 1
VS = 5V
OUTPUT UNLOADED
FREQUENCY (Hz)
10
30
50
0
20
40
100
10k
100k
1M
10M
6911 G02
–10
1k
GAIN OF 100 (DIGITAL INPUT 111)
GAIN OF 1 (DIGITAL INPUT 001)
GAIN OF 2 (DIGITAL INPUT 010)
GAIN OF 5 (DIGITAL INPUT 011)
GAIN OF 10 (DIGITAL INPUT 100)
GAIN OF 20 (DIGITAL INPUT 101)
GAIN OF 50 (DIGITAL INPUT 110)
VS = 10V, VIN = 5mVRMS
GAIN
1
0
2.0
4.0
8.0
7.5
7.0
6.5
5.5
5.0
4.5
3.5
3.0
2.5
1.5
1.0
0.5
10
100
6911 G03
6.0
VIN = 5mVRMS
VS = 2.7V
VS = ±5V
LTC6911-1 Frequency Response
LTC6911-1 –3dB Bandwidth
vs Gain Setting
LTC6911-1 Channel Isolation
vs Frequency
LTC6911-1 Power Supply
Rejection vs Frequency
LTC6911-1 Noise Density
vs Frequency
FREQUENCY (Hz)
85
100
95
90
120
115
110
105
6911 G04
100k
1M
GAIN = 100
GAIN = 1
GAIN = 10
VS = 5V
VOUT = 1VRMS
FREQUENCY (Hz)
20
40
50
70
90
10k
100k
1M
10M
6911 G05
0
1k
60
30
10
80
+SUPPLY
–SUPPLY
VS = ±2.5V
GAIN = 1
FREQUENCY (Hz)
1k
1
10
100
10k
100k
6911 G06
GAIN = 1
GAIN = 10
GAIN = 100
VS = ±2.5V
TA = 25°C
INPUT REFERRED
LTC6911-1 Distortion vs Frequency
with Light Loading (RL = 10k)
LTC6911-1 THD + Noise
vs Input Voltage
FREQUENCY (Hz)
0
–60
–50
–30
150k
6911 G07
–70
–80
50k
100k
200k
–90
–100
–40
VS = ±2.5V
VOUT = 1VRMS (2.83VP-P)
GAIN = 1
GAIN = 10
GAIN = 100
LTC6911-1 Distortion vs Frequency
with Heavy Loading (RL = 500Ω)
INPUT VOLTAGE (VP-P)
–90
–70
–60
–40
–20
1m
0.1
1
10
6911 G09
–110
10n
–50
–80
–100
–30
fIN = 1kHz
VS = ±5V
BW = 100Hz TO 22kHz
GAIN = 1
GAIN = 10
GAIN = 100
FREQUENCY (Hz)
0
–60
–50
–30
150k
6911 G08
–70
–80
50k
100k
200k
–90
–100
–40
VS = ±2.5V
VOUT = 1VRMS (2.83VP-P)
GAIN = 1
GAIN = 10
GAIN = 100


Similar Part No. - LTC6911IMS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
More results

Similar Description - LTC6911IMS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1 LINER-LTC6910-1 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-3 LINER-LTC6910-3_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com