Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X154JCRACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C0603X154JCRACTU
Description  High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X154JCRACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C0603X154JCRACTU Datasheet HTML 2Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 3Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 4Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 5Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 6Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 7Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 8Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 9Page - Kemet Corporation C0603X154JCRACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1025_X7R_HV_FT-CAP_SMD • 7/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0603 – 1812 Case Sizes) cont'd
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
Cap
Cap
Code
Case Size/
Series
C0603X C0805X
C1206X
C1210X
C1808X
C1812X
Voltage Code
C
B
D
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes - See Table 2 for Chip Thickness Dimensions
15,000 pF
153
J
K
M
DG
EU EJ EJ
FL FL FL FL
LA LC LC LC
GH GK GK GH
18,000 pF
183
J
K
M
DG
EJ EJ EJ
FL FL FL FM
LA LE LE
GH GK GK GM
22,000 pF
223
J
K
M
DG
EJ EJ EJ
FL FM FM FM
LA LE LE
GH GK GK GM
27,000 pF
273
J
K
M
EJ EJ
FM FK FK FK
LA LA LA
GH GB GB GO
33,000 pF
333
J
K
M
EJ EJ
FM FZ FU FS
LC LA LA
GH GB GB GO
39,000 pF
393
J
K
M
EJ
FK FZ FU FS
LC LA LA
GH GB GB
47,000 pF
473
J
K
M
EJ
FK FU FK
LC LA LB
GH GB GC
56,000 pF
563
J
K
M
EJ
FZ FU FK
LC LA LB
GH GB GE
62,000 pF
623
J
K
M
EJ
FZ FK FS
LA LA LC
GK GB GE
68,000 pF
683
J
K
M
EJ
FZ FK FS
LA LA LC
GE GE GE
82,000 pF
823
J
K
M
FU FK
LA LC
GB GE GK
0.10 µF
104
J
K
M
FK FS
LA LC
GB GH GJ
0.12 µF
124
J
K
M
FK
LA
GE GK
0.15 µF
154
J
K
M
FK
LB
GE GN
0.18 µF
184
J
K
M
GF
0.22 µF
224
J
K
M
GJ
0.27 µF
274
J
K
M
GL
0.33 µF
334
J
K
M
GS
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
C
B
D
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
Case Size/
Series
C0603X
C0805X
C1206X
C1210X
C1808X
C1812X


Similar Part No. - C0603X154JCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X154K5RACAUTO KEMET-C0603X154K5RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R Flex, Ceramic, 0.15 uF, 10%, 50 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 0603
C0603X154K5RACTU KEMET-C0603X154K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.15 uF, 10%, 50 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
More results

Similar Description - C0603X154JCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C1210X473KCRACTU KEMET-C1210X473KCRACTU Datasheet
1Mb / 17P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)
C1210Y154KCRACTU KEMET-C1210Y154KCRACTU Datasheet
929Kb / 25P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination X7R Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com