Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1733EMSE Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1733EMSE
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733EMSE Datasheet(HTML) 2 Page - Linear Technology

  LTC1733EMSE Datasheet HTML 1Page - Linear Technology LTC1733EMSE Datasheet HTML 2Page - Linear Technology LTC1733EMSE Datasheet HTML 3Page - Linear Technology LTC1733EMSE Datasheet HTML 4Page - Linear Technology LTC1733EMSE Datasheet HTML 5Page - Linear Technology LTC1733EMSE Datasheet HTML 6Page - Linear Technology LTC1733EMSE Datasheet HTML 7Page - Linear Technology LTC1733EMSE Datasheet HTML 8Page - Linear Technology LTC1733EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1733
2
sn1733 1733fs
Input Supply Voltage (VCC) ........................................ 7V
BAT ............................................................................ 7V
NTC, SEL, TIMER, PROG ................ –0.3V to VCC + 0.3V
CHRG, FAULT, ACPR ................................... –0.3V to 7V
BAT Short-Circuit Duration ........................... Continuous
BAT Current (Note 2) .............................................. 1.6A
PROG Current (Note 2) ........................................ 1.6mA
Junction Temperature ........................................... 125
°C
Operating Temperature Range (Note 3) ...–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage
q
4.5
6.5
V
ICC
VCC Supply Current
Charger On; Current Mode; RPROG = 30k (Note 5)
q
13
mA
Shutdown Mode; VPROG = 3V
q
0.9
2
mA
VBAT
VBAT Regulated Output Voltage
SEL = 0V
q
4.059
4.1
4.141
V
SEL = VCC
q
4.158
4.2
4.242
V
IBAT
Battery Pin Current
RPROG = 3k; Current Mode
q
465
500
535
mA
RPROG = 1k; Current Mode
1.395
1.5
1.605
A
Shutdown Mode; VPROG = 3V
±1
±5
µA
Sleep Mode VCC < VBAT or VCC < (VUV – ∆VUV)
±1
±5
µA
ITRIKL
Trickle Charge Current
VBAT < 2V; RPROG = 3k
q
35
50
65
mA
VTRIKL
Trickle Charge Trip Threshold
VBAT Rising
2.48
V
∆VTRIKL
Trickle Charge Trip Hysteresis
100
mV
VUV
VCC Undervoltage Lockout Voltage
VCC Rising
q
4.2
4.5
V
∆VUV
VCC Undervoltage Lockout Hysteresis
150
mV
VMSD
Manual Shutdown Threshold Voltage
PROG Pin Voltage Rising
2.15
V
VMSD-HYS
Manual Shutdown Hysteresis Voltage
100
mV
VASD
Automatic Shutdown Threshold Voltage (VCC - VBAT) Voltage Falling
30
mV
(VCC - VBAT) Voltage Rising
60
mV
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LTC1733EMSE
TJMAX = 125°C, θJA = 40°C/W (Note 4)
EXPOSED PAD IS GROUND.
(MUST BE SOLDERED TO PCB
FOR MAXIMUM HEAT TRANSFER).
MSE PART MARKING
LTLX
1
2
3
4
5
CHRG
VCC
FAULT
TIMER
GND
10
9
8
7
6
ACPR
BAT
SEL
PROG
NTC
TOP VIEW
MSE EXPOSED PAD PACKAGE
10-LEAD PLASTIC MSOP
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V


Similar Part No. - LTC1733EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1733 LINER-LTC1733 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC1733 LINER-LTC1733 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC1733 LINER-LTC1733 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1733 LINER-LTC1733 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC1733EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC4053-4.2 LINER-LTC4053-4.2 Datasheet
195Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
   Independent linear lithium battery charger with thermal regulation function
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
   Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com