Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1733 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1733
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 4 Page - Linear Technology

  LTC1733 Datasheet HTML 1Page - Linear Technology LTC1733 Datasheet HTML 2Page - Linear Technology LTC1733 Datasheet HTML 3Page - Linear Technology LTC1733 Datasheet HTML 4Page - Linear Technology LTC1733 Datasheet HTML 5Page - Linear Technology LTC1733 Datasheet HTML 6Page - Linear Technology LTC1733 Datasheet HTML 7Page - Linear Technology LTC1733 Datasheet HTML 8Page - Linear Technology LTC1733 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1733
4
sn1733 1733fs
TYPICAL PERFOR A CE CHARACTERISTICS
Battery Regulation Voltage vs
Battery Charge Current
Battery Regulation Voltage vs
Temperature
Battery Regulation Voltage vs VCC
PROG Pin Voltage vs Charge
Current
Charge Current vs Temperature
IBAT (mA)
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
4.08
4.06
1733 G01
0 100 200 300 400 500 600 700 800 900 1000
VSEL = 5V
VSEL = 0V
VCC = 5V
TA = 25°C
RPROG = 1.5k
TEMPERATURE(
°C)
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
4.08
4.06
1733 G02
–50
–25
0
25
50
75
100
125
VSEL = 5V
VSEL = 0V
VCC = 5V
IBAT = 10mA
RPROG = 1.5k
VCC (V)
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
4.08
4.06
1733 G03
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VSEL = VCC
VSEL = 0V
TA = 25°C
IBAT = 10mA
RPROG = 1.5k
CHARGE CURRENT (mA)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1733 G04
0 100 200 300 400 500 600 700 800 900 1000
VCC = 5V
TA = 25°C
RPROG = 1.5k
VSEL = 5V
VBAT (V)
0
1.0
2.0 2.5
4.5
1733 G05
0.5
1.5
3.0 3.5 4.0
1100
1000
900
800
700
600
500
400
300
200
100
0
VCC = 5V
TA = 25°C
RPROG = 1.5k
VSEL = 5V
VCC (V)
4.0
5.0
6.0
6.5
1733 G06
4.5
5.5
7.0
1100
1000
900
800
700
600
500
400
300
200
100
0
VBAT = 4.1V
TA = 25°C
RPROG = 1.5k
VSEL = 5V
VCC (V)
4.0
5.0
6.0
6.5
1733 G07
4.5
5.5
7.0
1100
1000
900
800
700
600
500
400
VBAT = 3.5V
TA = 25°C
VSEL = VCC
RPROG = 1.5k
RPROG = 3k
TEMPERATURE (
°C)
–50
0
50
75
1733 G08
–25
25
100
1000
900
800
700
600
500
400
300
200
100
0
VCC = 5V
VBAT = 3.5V
RPROG = 1.5k
VSEL = 5V
THERMAL CONTROL
LOOP IN OPERATION
Charge Current vs Battery Voltage
Charge Current vs Input Voltage
Charge Current vs VCC
Charge Current vs Temperature
with Thermal Regulation
TEMPERATURE (
°C)
–50
25
75
1733 G09
–25
0
50
100
VCC = 5V
VBAT = 4V
RPROG = 3k
VSEL = 5V
535
530
525
520
515
510
505
500
495
490
485
480
475
470
465


Similar Part No. - LTC1733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1733 LINER-LTC1733 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC1733 LINER-LTC1733 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC1733 LINER-LTC1733 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1733 LINER-LTC1733 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC1733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC4053-4.2 LINER-LTC4053-4.2 Datasheet
195Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
   Independent linear lithium battery charger with thermal regulation function
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
   Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com