Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1740-433-3581 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F1740-433-3581
Description  Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1740-433-3581 Datasheet(HTML) 2 Page - Vishay Siliconix

  F1740-433-3581 Datasheet HTML 1Page - Vishay Siliconix F1740-433-3581 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F1740-3511 and F1740-3581
Vishay Roederstein
Document Number 27004
To contact us: RFI@Vishay.com
www.vishay.com
Revision 02-Oct-00
87
Impedance (Z) of F1740-3511/3411 as a function of frequency (f)
at T
a = 20°C (average).
Measurement with lead length 50mm.
APPROVALS
Supp. Caps (Bi-polar) Class X1/Y2 AC 275V/250V
102
101
100
10-1
10-2
0.01
0.05 0.1
0.5 1.0
5.0 10
50
100
f
[MHz]
2 x
2700
pF
0.027
µF
0.047
µF
0.22
µF
0.15
µF
0.068
µF
0.1
µF
COUNTRY
SPECIFICATION
ELECTRICAL VALUES
APPROVAL REFERENCE
APPROVAL MARK
U.S.A.
0.022
µFX - 0.47 µFX
(for AC 250V)
+ 2 x 2700 pFY - 2 x 0.027
µFY
CB TEST-CERTIFICATE
CH 676-A1
Switzerland
EN 132 400
0.022
µFX1 - 0.47 µFX1
(for AC 275/250V)
IEC 60384-14, 2nd edition
+ 2 x 2700 pFY2 - 2 x 0.027
µFY2
This approval mark together with the CB-Certificate replace all national approval marks of the following countries
(they have already signed the CB-Agreement):
Austria
Belgium
Denmark
Finland
Sweden
France
Germany
Ireland
Italy
Switzerland
Netherlands
Israel
Portugal
Spain
Great Britain
Japan
Norway
China
Poland
Czech. Republic
Singapore
Rep. of Korea
Hungary
Iceland
Slovenia
0.022
µFX1 - 0.47 µFX
+ 2 x 2700 pFY2 - 2 x 0.027
µFY2
96.1 10036.02
UL 1283
E 76297


Similar Part No. - F1740-433-3581

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-433-3550 VISHAY-F1740-433-3550 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1740-433-3558 VISHAY-F1740-433-3558 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
More results

Similar Description - F1740-433-3581

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-3550 VISHAY-F1740-3550 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1740-3800 VISHAY-F1740-3800 Datasheet
75Kb / 2P
   Suppression Capacitors for Washing Machines/Dishwashers Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1710-250V VISHAY-F1710-250V Datasheet
74Kb / 2P
   AC-Capacitors, Suppression Capacitors Class Y2 AC 250V (MKT)
Revision 03-Oct-02
F1778-275V VISHAY-F1778-275V Datasheet
67Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275V (Code pos. 9 = 2) (MKP)
Revision 08-Oct-03
logo
RFE international
5-KLF472MAC2K510Y5 RFE-5-KLF472MAC2K510Y5 Datasheet
3Mb / 8P
   Ceramic Capacitors CLASS 5 Series: AC X1Y1 & X1Y2
21-JUL-2023
logo
Vishay Siliconix
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1710 VISHAY-F1710 Datasheet
79Kb / 2P
   AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
Revision 03-Oct-02
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com