Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD18201T Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMD18201T
Description  3A, 55V H-Bridge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18201T Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LMD18201T Datasheet HTML 1Page - National Semiconductor (TI) LMD18201T Datasheet HTML 2Page - National Semiconductor (TI) LMD18201T Datasheet HTML 3Page - National Semiconductor (TI) LMD18201T Datasheet HTML 4Page - National Semiconductor (TI) LMD18201T Datasheet HTML 5Page - National Semiconductor (TI) LMD18201T Datasheet HTML 6Page - National Semiconductor (TI) LMD18201T Datasheet HTML 7Page - National Semiconductor (TI) LMD18201T Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Information (Continued)
supply to ground. Typically the ceramic capacitor can be
eliminated in the presence of the voltage suppressor. Note
that when driving high load currents a greater amount of sup-
ply bypass capacitance (in general at least 100 µF per Amp
of load current) is required to absorb the recirculating cur-
rents of the inductive loads.
CURRENT LIMITING
Current limiting protection circuitry has been incorporated
into the design of the LMD18201. With any power device it is
important to consider the effects of the substantial surge cur-
rents through the device that may occur as a result of
shorted loads. The protection circuitry monitors the current
through the upper transistors and shuts off the power device
as quickly as possible in the event of an overload condition
(the threshold is set to approximately 10A). In a typical motor
driving application the most common overload faults are
caused by shorted motor windings and locked rotors. Under
these conditions the inductance of the motor (as well as any
series inductance in the V
CC supply line) serves to reduce
the magnitude of a current surge to a safe level for the
LMD18201. Once the device is shut down, the control cir-
cuitry will periodically try to turn the power device back on.
This feature allows the immediate return to normal operation
once the fault condition has been removed. While the fault
remains however, the device will cycle in and out of thermal
shutdown. This can create voltage transients on the V
CC
supply line and therefore proper supply bypassing tech-
niques are required.
The most severe condition for any power device is a direct,
hard-wired (“screwdriver”) long term short from an output to
ground. This condition can generate a surge of current
through the power device on the order of 15 Amps and re-
quire the die and package to dissipate up to 500W of power
for the short time required for the protection circuitry to shut
off the power device. This energy can be destructive, particu-
larly at higher operating voltages (>30V) so some precau-
tions are in order. Proper heat sink design is essential and it
is normally necessary to heat sink the V
CC supply pin (pin 6)
with 1 square inch of copper on the PC board.
INTERNAL CHARGE PUMP AND USE OF
BOOTSTRAP CAPACITORS
To turn on the high-side (sourcing) DMOS power devices,
the gate of each device must be driven approximately 8V
more positive than the supply voltage. To achieve this an in-
ternal charge pump is used to provide the gate drive voltage.
As shown in (
Figure 4), an internal capacitor is alternately
switched to ground and charged to about 14V, then switched
to V
S thereby providing a gate drive voltage greater than VS.
This switching action is controlled by a continuously running
internal 300 kHz oscillator. The rise time of this drive voltage
is typically 20 µs which is suitable for operating frequencies
up to 1 kHz.
For higher switching frequencies, the LMD18201 provides
for the use of external bootstrap capacitors. The bootstrap
principle is in essence a second charge pump whereby a
large value capacitor is used which has enough energy to
quickly charge the parasitic gate input capacitance of the
power device resulting in much faster rise times. The switch-
ing action is accomplished by the power switches them-
selves (
Figure 5). External 10 nF capacitors, connected from
the outputs to the bootstrap pins of each high-side switch
provide typically less than 100 ns rise times allowing switch-
ing frequencies up to 500 kHz.
INTERNAL PROTECTION DIODES
A major consideration when switching current through induc-
tive loads is protection of the switching power devices from
the large voltage transients that occur. Each of the four
switches in the LMD18201 have a built-in protection diode to
clamp transient voltages exceeding the positive supply or
ground to a safe diode voltage drop across the switch.
The reverse recovery characteristics of these diodes, once
the transient has subsided, is important. These diodes must
come out of conduction quickly and the power switches must
be able to conduct the additional reverse recovery current of
the diodes. The reverse recovery time of the diodes protect-
ing the sourcing power devices is typically only 70 ns with a
reverse recovery current of 1A when tested with a full 3A of
forward current through the diode. For the sinking devices
the recovery time is typically 100 ns with 4A of reverse cur-
rent under the same conditions.
DS010793-6
FIGURE 4. Internal Charge Pump Circuitry
DS010793-7
FIGURE 5. Bootstrap Circuitry
www.national.com
6


Similar Part No. - LMD18201T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
LMD18201T/NOPB TI1-LMD18201T/NOPB Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
More results

Similar Description - LMD18201T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com