Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PSI-D-HGRADE-MINI Datasheet(PDF) 3 Page - All Sensors Corporation

Part # 1PSI-D-HGRADE-MINI
Description  Miniature Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

1PSI-D-HGRADE-MINI Datasheet(HTML) 3 Page - All Sensors Corporation

  1PSI-D-HGRADE-MINI Datasheet HTML 1Page - All Sensors Corporation 1PSI-D-HGRADE-MINI Datasheet HTML 2Page - All Sensors Corporation 1PSI-D-HGRADE-MINI Datasheet HTML 3Page - All Sensors Corporation 1PSI-D-HGRADE-MINI Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All Sensors
DS-0107 Rev B
Minimum
--
17.82
--
--
--
--
Nominal
1.0
18.00
--
--
0.25
--
Maximum
--
18.18
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
59.4
--
--
--
--
Nominal
5.0
60.0
--
--
0.25
--
Maximum
--
60.6
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
19
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Nominal
0.3
20
--
--
0.25
--
Maximum
--
21
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Minimum
--
89.1
--
--
--
--
Nominal
15.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero gage pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 1 PSI-G-HGRADE-MINI
Performance Characteristics for 5 PSI-G-HGRADE-MINI
Performance Characteristics for 0.3 PSI-G-HGRADE-MINI
Performance Characteristics for 15 PSI-G-HGRADE-MINI


Similar Part No. - 1PSI-D-HGRADE-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
1PSI-D-HGRADE-MINI ASC-1PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
1PSI-D-HGRADE-MINI ASC-1PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results

Similar Description - 1PSI-D-HGRADE-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0110 ASC-DS-0110 Datasheet
664Kb / 5P
   Miniature Pressure Sensors
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
5PSI-G-CGRADE-MINI ASC-5PSI-G-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
15PSI-A-HGRADE-MINI ASC-15PSI-A-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
15PSI-AF-HGRADE-MINI ASC-15PSI-AF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-GF-HGRADE-MINI ASC-5PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com