Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0.3PSI-D-HGRADE-MINI Datasheet(PDF) 3 Page - All Sensors Corporation

Part No. 0.3PSI-D-HGRADE-MINI
Description  Miniature Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASC [All Sensors Corporation]
Homepage  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-HGRADE-MINI Datasheet(HTML) 3 Page - All Sensors Corporation

  0.3PSI-D-HGRADE-MINI Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All Sensors
DS-0107 Rev B
Minimum
--
17.82
--
--
--
--
Nominal
1.0
18.00
--
--
0.25
--
Maximum
--
18.18
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
59.4
--
--
--
--
Nominal
5.0
60.0
--
--
0.25
--
Maximum
--
60.6
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
19
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Nominal
0.3
20
--
--
0.25
--
Maximum
--
21
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Minimum
--
89.1
--
--
--
--
Nominal
15.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero gage pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 1 PSI-G-HGRADE-MINI
Performance Characteristics for 5 PSI-G-HGRADE-MINI
Performance Characteristics for 0.3 PSI-G-HGRADE-MINI
Performance Characteristics for 15 PSI-G-HGRADE-MINI


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn