Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1D Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # US1D
Description  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

US1D Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  US1D Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited US1D Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited US1D Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
US1A--US1M
Document Number : SMA301AA
www.gmicroelec.com
1
FEATURES
For surface mount applications
Low profile package
Easy pick and place
Ultrafast recovery times for high efficiency
Low forward voltage,low power loss
Built-in strain relief,ideal for automated placement
High temperature soldering:260℃/10 seconds on terminals
Plastic package has underwriters laboratories flammability classification 94V-0
MECHANICAL DATA
Case: JEDEC DO-214AC,molded plastic body over passivated chip
Terminals: Solder Plated, solderable per MIL-STD-750,Method 2026
Weight: 0.002 ounces, 0.064 gram
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
US1A
US1B
US1D
US1G
US1J
US1K
US1M
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TL=110℃
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed on rated load(JEDEC Method)
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
US1A
US1B
US1D
US1G
US1J
US1K
US1M
UNITS
Typical junction capacitance at 4.0V,1MHZ
CJ
20
15
p F
Maximum thermal resistance (NOTE1)
RθJA
RΘJL
55
20
/W
Operating temperature range
TJ
-55------- +150
Storage temperature range
TSTG
-55------- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
US1A
US1B
US1D
US1G
US1J
US1K
US1M
UNITS
Maximum instantaneous forward voltage
at 1.0A
VF
1.0
1.25
1.7
V
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
IR
5.0
100.0
μ A
Maximum reverse recovery time
at IF=0.5A IR=1.0A Irr=0.25A
trr
50
75
ns
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm) copper pad area
Pb
Lead-free


Similar Part No. - US1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1D PANJIT-US1D Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Diode Semiconductor Kor...
US1D DSK-US1D Datasheet
76Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diotec Semiconductor
US1D DIOTEC-US1D Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Won-Top Electronics
US1D WTE-US1D Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Shenzhen Yixinwei Techn...
US1D YIXIN-US1D Datasheet
286Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com