Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVK102-12A004B1-A Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # HVK102-12A004B1-A
Description  Straight Waterproof Jack
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

HVK102-12A004B1-A Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  HVK102-12A004B1-A Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG HVK102-12A004B1-A Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG HVK102-12A004B1-A Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG HVK102-12A004B1-A Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data Sheet
HVR40
Straight
Waterproof Jack
HVK102-12A004B1-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 4
All dimensions are in mm; tolerances according to ISO 2768 m-H
Y = Part number has to be accomplished by codification
Interface
According to
RN_079-01
Documents
Assembly instruction
MA_HV0004


Similar Part No. - HVK102-12A004B1-A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
HVK102-12A002B1-A ROSENBERGER-HVK102-12A002B1-A Datasheet
385Kb / 3P
   Straight Waterproof Jack
HVK102-12A002B1-B ROSENBERGER-HVK102-12A002B1-B Datasheet
385Kb / 3P
   Straight Waterproof Jack
HVK102-12A002B1-C ROSENBERGER-HVK102-12A002B1-C Datasheet
385Kb / 3P
   Straight Waterproof Jack
HVK102-12A002B1-D ROSENBERGER-HVK102-12A002B1-D Datasheet
385Kb / 3P
   Straight Waterproof Jack
HVK102-12A002B1-Y ROSENBERGER-HVK102-12A002B1-Y Datasheet
385Kb / 3P
   Straight Waterproof Jack
More results

Similar Description - HVK102-12A004B1-A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
HVK102-12A002B1-Y ROSENBERGER-HVK102-12A002B1-Y Datasheet
385Kb / 3P
   Straight Waterproof Jack
HVK102-12A006B1-Y ROSENBERGER-HVK102-12A006B1-Y Datasheet
282Kb / 4P
   Straight Waterproof Jack
E4K15A-1AKX5-Y ROSENBERGER-E4K15A-1AKX5-Y Datasheet
690Kb / 3P
   WATERPROOF JACK
HVK201-12A004B1-Y ROSENBERGER-HVK201-12A004B1-Y Datasheet
312Kb / 3P
   Right Angle Waterproof Jack
D4K25L-1D5A5-Y ROSENBERGER-D4K25L-1D5A5-Y Datasheet
764Kb / 3P
   RIGHT ANGLE JACK WATERPROOF
HVK201-12A006B1-Y ROSENBERGER-HVK201-12A006B1-Y Datasheet
300Kb / 3P
   Right Angle Waterproof Jack
HVK201-12A002B1-Y ROSENBERGER-HVK201-12A002B1-Y Datasheet
322Kb / 3P
   Right Angeled Waterproof Jack
64K102-272B1 ROSENBERGER-64K102-272B1 Datasheet
250Kb / 2P
   Straight Jack
59K13O-1E4A4 ROSENBERGER-59K13O-1E4A4 Datasheet
119Kb / 3P
   STRAIGHT JACK
45K102-271L5 ROSENBERGER-45K102-271L5 Datasheet
42Kb / 2P
   STRAIGHT JACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com