Electronic Components Datasheet Search |
|
C0603C479C5GACTU Datasheet(PDF) 1 Page - Kemet Corporation |
|
C0603C479C5GACTU Datasheet(HTML) 1 Page - Kemet Corporation |
|
1 / 1 page Generated - 889993a2-f949-498b-8e74-e51fbb84cbaa KEMET Part Number: C0603C479C5GACTU (C0603C479C5GAC7867) Ceramic, Commercial-(CxxxxC), 4.7 pF, +/-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I Dimensions L 1.6mm +/-0.15mm W 0.8mm +/-0.15mm T 0.8mm +/-0.07mm S 0.7mm MIN B 0.35mm +/-0.15mm Packaging Specifications Packaging: T&R, 180mm, Paper Tape Packaging Quantity: 4000 General Information Style: SMD Chip Series: Commercial-(CxxxxC) Chip Size: 0603 Description: SMD, MLCC, Ultra-Stable, Low Loss, Class I Features: Ultra-Stable, Low Loss, Class I RoHS: Yes Termination: Tin Marking: No Failure Rate: N/A Miscellaneous: Note: KEMET 50V rated parts may be operated at 63 Volts Specifications Capacitance: 4.7 pF Capacitance Tolerance: +/-0.25 pF Voltage DC: 50 VDC Temperature Range: -55/+125C Temperature Coefficient: C0G Dissipation Factor: 0.1% Aging Rate: 0% Loss/Decade Hour Insulation Resistance: 100 GOhms Dielectric Strength: 125 V © 2006 - 2017 IntelliData.net Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. |
Similar Part No. - C0603C479C5GACTU |
|
Similar Description - C0603C479C5GACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |