Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3MBT Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3MBT
Description  3Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3MBT Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS3MBT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3MBT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RS3MBT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
RS3ABT--RS3MBT
Document Number: SBT203AA
www.gmicroelec.com
1
FEATURES
Low profile package
For surface mounted applications
Built-in strain relief, ideal for automated placement
Plastic package has underwrite rslaborator flammability classification 94V-0
High temperature soldering: 250℃/10 seconds at terminals
MECHANICAL DATA
Case:SMBT,molded plastic over passivated chip
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS3ABT
RS3BBT
RS3DBT
RS3GBT
RS3JBT
RS3KBT
RS3MBT
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
TL=90℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
RS3ABT
RS3BBT
RS3DBT
RS3GBT
RS3JBT
RS3KBT
RS3MBT
UNITS
Operating temperature range
TJ
- 55 ------ + 150
storage temperature range
TSTG
- 55 ------ + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS3ABT
RS3BBT
RS3DBT
RS3GBT
RS3JBT
RS3KBT
RS3MBT
UNITS
Maximum instantaneous forward voltage at 3.0 A
VF
1.3
V
Maximum reverse current
@TA=25 ℃
at rated DC blocking voltage
@TA=125℃
IR
10
200
μ A
Typical reverse recovery time (Note1)
t rr
150
250
500
ns
NOTE: 1.Reverse recovery time test conditions: IF=0.5A,IR=1.0A,Irr=0.25A
Pb
Lead-free


Similar Part No. - RS3MBT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3MB DIODES-RS3MB Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Galaxy Semi-Conductor H...
RS3MB BILIN-RS3MB Datasheet
625Kb / 4P
   Fast Recovery Rectifier
RS3MB BILIN-RS3MB Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Yixinwei Techn...
RS3MB YIXIN-RS3MB Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS3MB DAYA-RS3MB Datasheet
52Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS3MBT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMF250 SCHURTER-OMF250 Datasheet
495Kb / 3P
   3Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
SUF4001 DSK-SUF4001 Datasheet
255Kb / 2P
   SUF4001SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com