Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLVR-L60G Datasheet(PDF) 1 Page - All Sensors Corporation

Part # DLVR-L60G
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L60G Datasheet(HTML) 1 Page - All Sensors Corporation

  DLVR-L60G Datasheet HTML 1Page - All Sensors Corporation DLVR-L60G Datasheet HTML 2Page - All Sensors Corporation DLVR-L60G Datasheet HTML 3Page - All Sensors Corporation DLVR-L60G Datasheet HTML 4Page - All Sensors Corporation DLVR-L60G Datasheet HTML 5Page - All Sensors Corporation DLVR-L60G Datasheet HTML 6Page - All Sensors Corporation DLVR-L60G Datasheet HTML 7Page - All Sensors Corporation DLVR-L60G Datasheet HTML 8Page - All Sensors Corporation DLVR-L60G Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
All Sensors
DS-0300 Rev A
The DLVR Series Mini Digital Output Sensor is based on All Sensors’ CoBeam2TM Technology. This reduces package stress
susceptibility, resulting in improved overall long term stability. The technology also vastly improves position sensitivity
compared to single die devices.
The supply voltage options ease integration of the sensors into a wide range of process control and measurement sys-
tems, allowing direct connection to serial communications channels. For battery-powered systems, the sensors can enter
very low-power modes between readings to minimize load on the power supply.
These calibrated and compensated sensors provide accurate, stable output over a wide temperature range. This series
is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. A protective parylene
coating is optionally available for moisture/harsh media protection.
• 1 to 60 inH2O Pressure Ranges
• 3.3V Supply Voltage Standard / 5V Option
• I2C Standard Interface / SPI Interface Option
• Better than 1.0% Accuracy Over Temperature Typical
• Medical Breathing
• Environmental Controls
• HVAC
• Industrial Controls
• Portable/Hand-Held Equipment
General Description
Applications
Features
DLVR Series Low Voltage Digital Pressure Sensors
Pressure Sensor Maximum Ratings
Environmental Specifications
Device
Operating Range
Proof Pressure
Burst Pressure
Nominal Span
DLVR-L01D
±1 inH2O
100 inH2O
300 inH2O
±6,553 counts
DLVR-L02D
±2 inH2O
100 inH2O
300 inH2O
±6,553 counts
DLVR-L05D
±5 inH2O
200 inH2O
300 inH2O
±6,553 counts
DLVR-L10D
±10 inH2O
200 inH2O
300 inH2O
±6,553 counts
DLVR-L30D
±30 inH2O
200 inH2O
500 inH2O
±6,553 counts
DLVR-L60D
±60 inH2O
200 inH2O
800 inH2O
±6,553 counts
DLVR-L01G
0 to 1 inH2O
100 inH2O
300 inH2O
13,107 counts
DLVR-L02G
0 to 2 inH2O
100 inH2O
300 inH2O
13,107 counts
DLVR-L05G
0 to 5 inH2O
200 inH2O
300 inH2O
13,107 counts
DLVR-L10G
0 to 10 inH2O
200 inH2O
300 inH2O
13,107 counts
DLVR-L30G
0 to 30 inH2O
200 inH2O
500 inH2O
13,107 counts
DLVR-L60G
0 to 60 inH2O
200 inH2O
800 inH2O
13,107 counts
Supply Voltage (Vs)
6 Vdc
Common Mode Pressure
10 psig
Lead Temperature (soldering 2-4 sec.)
270 °C
Temperature Ranges
Compensated:
Commercial
0°C to 70°C
Industrial
-20°C to 85°C
Operating
-25°C to 85 °C
Storage
-40°C to 125 °C
Humidity Limits (non condensing)
0 to 95% RH
Standard Pressure Ranges
Equivalent Circuit
Page 1
I2C
Vs
Gnd
SCL
SDA
INT
SPI
Option
Vs
Gnd
SCLK
MISO
SS


Similar Part No. - DLVR-L60G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L60G ASC-DLVR-L60G Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60G ASC-DLVR-L60G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60G ASC-DLVR-L60G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60G ASC-DLVR-L60G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60G ASC-DLVR-L60G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLVR-L60G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com