Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLVR-L30D Datasheet(PDF) 11 Page - All Sensors Corporation

Part # DLVR-L30D
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L30D Datasheet(HTML) 11 Page - All Sensors Corporation

Back Button DLVR-L30D Datasheet HTML 7Page - All Sensors Corporation DLVR-L30D Datasheet HTML 8Page - All Sensors Corporation DLVR-L30D Datasheet HTML 9Page - All Sensors Corporation DLVR-L30D Datasheet HTML 10Page - All Sensors Corporation DLVR-L30D Datasheet HTML 11Page - All Sensors Corporation DLVR-L30D Datasheet HTML 12Page - All Sensors Corporation DLVR-L30D Datasheet HTML 13Page - All Sensors Corporation DLVR-L30D Datasheet HTML 14Page - All Sensors Corporation DLVR-L30D Datasheet HTML 15Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
All Sensors
DS-0300 Rev A
Figure 5 - SPI Timing Diagram
Figure 6 - I2C Timing Diagram
Interface Timing Diagrams
Page 11
SCLK
MISO
SS
tSSCLK
tCLKD
(HI•Z)
tCLKD
tHIGH
tLOW
(HI•Z)
tCLKSS
tIDLE
tSCLK
P ARAMETER
S YMBOL
MIN
TYP
MAX
UNITS
S CLK clock frequency (4MHz clock)
f
50
800
kHz
S CLK clock frequency (1MHz clock)
f
50
200
kHz
S S drop to firs t clock edge
tSSCLK
2.5
us
Minimum S CLK clock low width
tLOW
0.6
us
Minimum S CLK clock high width
tHIGH
0.6
us
Clock edge to data trans ition
tCLKD
0
0.1
us
Ris e of S S relative to las t clock edge
tCLKSS
0.1
us
Bus free time between ris e and fall of S S
t
2
us
IDLE
SCLK
SCLK
SCL
SDA
tHSTA
tHDAT
tSUDAT
tHIGH
tLOW
tSUSTP tIDLE
tSUSTA
P ARAMETER
S YMBOL
MIN
TYP
MAX
UNITS
S CL clock frequency
fSCL
100
400
kHz
S tart condition hold time relative to S CL edge
tHSTA
0.1
us
Minimum S CL clock low width
tLOW
0.6
us
Minim um S CL clock high width
tHIGH
0.6
us
S tart condition s etup time relative to S CL edge
tSUSTA
0.1
us
Data hold time on S DA relative to S CL edge
tHDAT
0
us
Data s etup time on S DA relative to S CL edge
tSUDAT
0.1
us
S top condition s etup time on S CL
tSUSTP
0.1
us
Bus free time between s top condition and s tart cond
2
us
tIDLE
.


Similar Part No. - DLVR-L30D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L30D ASC-DLVR-L30D Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L30D ASC-DLVR-L30D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L30D ASC-DLVR-L30D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L30D ASC-DLVR-L30D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L30D ASC-DLVR-L30D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLVR-L30D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com