Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLVR-L01G Datasheet(PDF) 7 Page - All Sensors Corporation

Part # DLVR-L01G
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L01G Datasheet(HTML) 7 Page - All Sensors Corporation

Back Button DLVR-L01G Datasheet HTML 3Page - All Sensors Corporation DLVR-L01G Datasheet HTML 4Page - All Sensors Corporation DLVR-L01G Datasheet HTML 5Page - All Sensors Corporation DLVR-L01G Datasheet HTML 6Page - All Sensors Corporation DLVR-L01G Datasheet HTML 7Page - All Sensors Corporation DLVR-L01G Datasheet HTML 8Page - All Sensors Corporation DLVR-L01G Datasheet HTML 9Page - All Sensors Corporation DLVR-L01G Datasheet HTML 10Page - All Sensors Corporation DLVR-L01G Datasheet HTML 11Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
All Sensors
DS-0300 Rev A
Digital Interface Data Format
For either type of digital interface, the format of data returned from the sensor is the same. The first 16 bits consist of
the 2 Status bits followed by the 14-bit the pressure value. The third byte provides the 8 most significant bits of the mea-
sured temperature; the fourth byte provides the 3 least significant bits of temperature, followed by 5 bits of undefined
filler data. With either interface, the host may terminate the transfer after receiving the first two bytes of data from the
sensor, or following the third byte (if just the most-significant 8 bits of temperature are needed). Refer to Table 2 for the
overall data format of the sensor. Table 3 shows the Status Bit definition.
Bit Definitions:
Status (S): Normal/command / busy / diagnostic
Pressure (P): Digital pressure reading
Temperature (T): Compensated temperature reading
Table 2 - Output Data Format
Table 3- Status Bit Definitions
I2C Interface
I2C Communications Overview
The I2C interface uses a set of signal sequences for communication. The following is a description of the supported
sequences and their associated pneumonic. Refer to Figure 3 for the associated usage of the following signal sequences.
Bus not Busy (I): During idle periods both data line (SDA) and clock line (SCL) remain HIGH.
START condition (ST): A HIGH to LOW transition of SDA line while the clock (SCL) is HIGH is interpreted as
START condition. START conditions are always set by the master. Each initial request for a pressure value has to
begin with a START condition.
Slave address (An): The I²C-bus requires a unique address for each device. The DLVR sensor has a preconfig-
ured slave address (0x28). After setting a START condition the master sends the address byte containing the
7 bit sensor address followed by a data direction bit (R/W). A "0" indicates a transmission from master to slave
(WRITE), a "1" indicates a datarequest (READ).
Acknowledge (A or N): Data is transferred in units of 8 bits (1 byte) at a time, MSB first. Each data-receiving
device, whether master or slave, is required to pull the data line LOW to acknowledge receipt of the data. The
Master must generate an extra clock pulse for this purpose. If the receiver does not pull the data line down, a
NACK condition exists, and the slave transmitter becomes inactive. The master determines whether to send
the last command again or to set the STOP condition, ending the transfer.
DATA valid (Dn): State of data line represents valid data when, after a START condition, data line is stable for
duration of HIGH period of clock signal. Data on line must be changed during LOW period of clock signal.
There is one clock pulse per data bit.
DATA operation: The sensor starts to send 4 data bytes containing the current pressure and temperature val-
ues. The transmission may be halted by the host after any of the bytes by responding with a NACK.
STOP condition (P): LOW to HIGH transition of the SDA line while clock (SCL) is HIGH indicates a STOP condi-
tion. STOP conditions are always generated by the master.
Page 7


Similar Part No. - DLVR-L01G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01G ASC-DLVR-L01G Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01G ASC-DLVR-L01G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLVR-L01G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com