Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2JA Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # ES2JA
Description  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES2JA Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ES2JA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES2JA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES2JA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES2AA--ES2JA
Document Number: SMA102AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE
INFORMATION
Device
Package
Shipping
ES2AA--ES2JA
DO-214AC(SMA)
5000/Tape&Reel
DO-214AC(SMA)
Dim
Min
Max
A
4.25
4.65
B
2.40
2.80
C
1.85
2.15
D
4.85
5.35
E
0.10
0.30
F
0.90
1.50
G
0.20MAX
H
1.90
2.30
I
1.35
1.65
All Dimensions in mm


Similar Part No. - ES2JA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2JA TSC-ES2JA Datasheet
54Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
ES2JA TSC-ES2JA Datasheet
360Kb / 4P
   Surface Mount Super Fast Rectifiers
logo
AiT Semiconductor Inc.
ES2JA AITSEMI-ES2JA Datasheet
382Kb / 6P
   RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
logo
Taiwan Semiconductor Co...
ES2JA TSC-ES2JA Datasheet
134Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Diode Semiconductor Kor...
ES2JA DSK-ES2JA Datasheet
197Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results

Similar Description - ES2JA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com