Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLVR-L02G Datasheet(PDF) 8 Page - All Sensors Corporation

Part # DLVR-L02G
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L02G Datasheet(HTML) 8 Page - All Sensors Corporation

Back Button DLVR-L02G Datasheet HTML 4Page - All Sensors Corporation DLVR-L02G Datasheet HTML 5Page - All Sensors Corporation DLVR-L02G Datasheet HTML 6Page - All Sensors Corporation DLVR-L02G Datasheet HTML 7Page - All Sensors Corporation DLVR-L02G Datasheet HTML 8Page - All Sensors Corporation DLVR-L02G Datasheet HTML 9Page - All Sensors Corporation DLVR-L02G Datasheet HTML 10Page - All Sensors Corporation DLVR-L02G Datasheet HTML 11Page - All Sensors Corporation DLVR-L02G Datasheet HTML 12Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
I2C Communications Overview (Cont’d)
Figure 3 - I2C Communication Diagram
Figure 3 illustrates the sequence of signals set by both the host and the sensor for each command. Note that for the Da-
taRead command, the host has the option of responding to the second or third bytes of data with a NACK instead of ACK.
This terminates the data transmission after the pressure data, or after the pressure data and upper byte of temperature,
have been transmitted. See Figure 6 for the I2C timing details.
1. Start All ( to wake sensor from Sleep mode, Zero ADC, read Temperature and read Pressure )
Set by bus master: - - - - I ST A6 A5 A4 A3 A2 A1 A0 R
SP I
Set by sensor: - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - A
2. Start Pressure ( to wake sensor from Sleep mode and read Pressure only )
Set by bus master: - - - - I ST A6 A5 A4 A3 A2 A1 A0 W
SP I
Set by sensor: - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - A
3. Read Data ( with examples of reading pressure, pressure plus 8 bits of temperature and pressure plus 12 bits of temperature )
Set by bus master: - - - - I ST A6 A5 A4 A3 A2 A1 A0 R
A
Set by sensor ( pressure plus status ): - - - - - - - - - - - - - - - - - - - - A D31
… D24
D23 … D16
…then, one of the following:
a) Set by bus master, to stop transfer after pressure data received: - - - - - - - - - - - - - - - - - - - - - - - - N SP I
--OR--
b) Set by bus master, to stop transfer after first temperature data byte received: - - - - - - - - - - - - - - A
N SP I
Set by sensor ( high order 8 bits of temperature ): - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
D15
… D8
--OR--
c) Set by bus master, to stop transfer after last temperature data byte received: - - - - - - - - - - - - - - A
A
N SP I
Set by sensor ( all 12 bits of temperature plus padding bits ): - - - - - - - - - - - - - - - - - - - - - - - - - - - D15
… D8
D7 … D0
Bus states
Sensor Address
Data format
Idle:
I
A6 … A0
Status:
D31 D30
Start:
ST
Default: 0x28
Pressure data:
D29
… D16
Stop:
SP
Temperature data: D15
… D5
Ack:
A
(padding bits:)
D4
… D0
Nack:
N
“Read” bit (1): R
“Write” bit (0): W
Page 8


Similar Part No. - DLVR-L02G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L02G ASC-DLVR-L02G Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLVR-L02G

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com