Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V2305PGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT5V2305PGI
Description  2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V2305PGI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT5V2305PGI Datasheet HTML 1Page - Integrated Device Technology IDT5V2305PGI Datasheet HTML 2Page - Integrated Device Technology IDT5V2305PGI Datasheet HTML 3Page - Integrated Device Technology IDT5V2305PGI Datasheet HTML 4Page - Integrated Device Technology IDT5V2305PGI Datasheet HTML 5Page - Integrated Device Technology IDT5V2305PGI Datasheet HTML 6Page - Integrated Device Technology IDT5V2305PGI Datasheet HTML 7Page - Integrated Device Technology IDT5V2305PGI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT5V2305
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
PIN CONFIGURATION
TSSOP
TOP VIEW
GND
VDD
Y1
Y0
Y2
GND
CLK
VDD
Y4
VDD
GND
Y3
VDD
G
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
VDD
CAPACITANCE(TA=+25°C,f=1MHz,VIN=0V)
Parameter
Description
Min.
Typ.
Max.
Unit
CIN
InputCapacitance
2.5
pF
VI = 0V or VDD
Symbol
Description
Max
Unit
VDD
Power Supply Voltage
–0.5 to +4.6
V
VI
Input Voltage(2)
–0.5 to VDD +0.5
V
VO
Output Voltage(2)
–0.5 to VDD +0.5
V
IIK
Input Clamp Current
±50
mA
VI < 0 or VI > VDD
IOK
Output Clamp Current
±50
mA
VO < 0 or VO > VDD
IO
Continuous Total Output Current
±50
mA
VO < 0 to VDD
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Not to exceed 4.6V.
VFQFPN
TOP VIEW
11
Y3
6
Y2
2
3
1
VDD
16
15
14
12
13
NC
NC
Y4
VDD
VDD
8
VDD
5
Y1
G
4
Y0
NC
9
CLK
10
NC
7
VDD
GND
FUNCTION TABLE(1)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Inputs
Output
GCLK
Y(0:4)
LX
L
HH
H


Similar Part No. - IDT5V2305PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
More results

Similar Description - IDT5V2305PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310_09 Datasheet
90Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com