Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V2305 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5V2305
Description  2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V2305 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5V2305 Datasheet HTML 1Page - Integrated Device Technology IDT5V2305 Datasheet HTML 2Page - Integrated Device Technology IDT5V2305 Datasheet HTML 3Page - Integrated Device Technology IDT5V2305 Datasheet HTML 4Page - Integrated Device Technology IDT5V2305 Datasheet HTML 5Page - Integrated Device Technology IDT5V2305 Datasheet HTML 6Page - Integrated Device Technology IDT5V2305 Datasheet HTML 7Page - Integrated Device Technology IDT5V2305 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT5V2305
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
NOTE:
1. All typical values are at respective nominal VDD.
DC ELECTRICAL CHARACTERISTICS - VDD = 2.5V ± 0.2V
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max
Unit
VOH
HIGH level Output Voltage
VDD = Min. to Max.
IOH = -100
µAVDD - 0.2
V
VDD = 2.3V
IOH = -6mA
1.8
VOL
LOWlevelOutputVoltage
VDD = Min. to Max.
IOH = 100
µA
0.2
V
VDD = 2.3V
IOH = 6mA
0.55
VDD = 2.3V
VO = 1V
-17
IOH
HIGH level Output Current
VDD = 2.5V
VO = 1.25V
-25
mA
VDD = 2.7V
VO = 2.375V
-10
VDD = 2.3V
VO = 1.2V
17
IOL
LOWlevelOutputCurrent
VDD = 2.5V
VO = 1.25V
25
mA
VDD = 2.7V
VO = 0.3V
10
TIMING REQUIREMENTS OVER RECOMMENDED RANGE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
fCLK
Clock Frequency
VDD = 3V to 3.6V
0
200
MHz
VDD = 2.3V to 2.7V
0
170


Similar Part No. - IDT5V2305

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
More results

Similar Description - IDT5V2305

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310_09 Datasheet
90Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com