Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLH-L60D Datasheet(PDF) 8 Page - All Sensors Corporation

Part # DLH-L60D
Description  DLH Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLH-L60D Datasheet(HTML) 8 Page - All Sensors Corporation

Back Button DLH-L60D Datasheet HTML 4Page - All Sensors Corporation DLH-L60D Datasheet HTML 5Page - All Sensors Corporation DLH-L60D Datasheet HTML 6Page - All Sensors Corporation DLH-L60D Datasheet HTML 7Page - All Sensors Corporation DLH-L60D Datasheet HTML 8Page - All Sensors Corporation DLH-L60D Datasheet HTML 9Page - All Sensors Corporation DLH-L60D Datasheet HTML 10Page - All Sensors Corporation DLH-L60D Datasheet HTML 11Page - All Sensors Corporation DLH-L60D Datasheet HTML 12Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DLH Series Low Voltage Digital Pressure Sensors
SPI Interface
SPI Command Sequence
As with the I2C interface configuration, the part enters Idle state after power-up, and waits for a command from the SPI master.
To start a measurement cycle, one of the 3- byte Measurement Commands (see Table 1) must be issued by the master.
The data returned by the sensor during this command request consists of the Status Byte followed by two undefined data bytes.
On successful decode of the command, the EOC pin is set Low as the core goes into Active state for measurement and calcula-
tion. When complete, updated sensor data is written to the output registers, and the core goes back to the Idle state. The EOC
pin is set to a High level at this point, and the Busy status bit is set to 0. At any point during the Active or Idle periods, the SPI
master can request the Status Byte by sending a Status Read command (a single byte with value 0xF0).
As with the I2C configuration, a Busy bit of value 0 in the Status Byte or a high level on the EOC pin indicates that a valid data
set may be read from the sensor. The Data Read command must be sent from the SPI master (The first byte of value 0xF0 fol-
lowed by 6 bytes of 0x00).
NOTE: Sending command data that is not defined in this document may cause unexpected device behavior.
SPI Bus Communications Overview
The sequence of bits and bus signals are shown in the following illustration (Figure 4). Refer to Figure 5 in the Interface
Timing Diagram section for detailed timing data.
Figure 4 - SPI Communications Diagram
Page 8
Measurement Command
SCLK
- - -
MOSI XXXX
XXXX
MISO HI-Z
HI-Z
SS
Lower Command Bytes (0x00 0x00)
C17
C16
C 15
C 1
C 0
XX
XX
XX
C23
C22
C21
C20
C19
C18
- - -
S7
S6
S5
S4
S3
S2
S1
S0
First Command Byte (0xAA / 0xAC / 0xAD / 0xAE / 0xAF)
(Undefined Data)
S7 … S0 (Status)
- - -
- - -
Read Status Command
SCLK
MOSI
MISO
SS
S3
S2
S1
S0
Command (0xF0)
S7 … S0 (Status)
0
0
Don't care
Don't Care
Hi-Z
Hi-Z
S7
S6
S5
S4
1
1
1
1
0
0
Data Read Command
SCLK
MOSI
MISO
SS
Command (0xF0 then 6 bytes of 0x00)
- - -
- - -
P1
T23 T22
T1 T0
T23…T0 (Temperature)
0
0
0
0
0
- - -
P0
0
0
0
0
0
0
- - -
- - -
- - -
P23…P0 (Pressure)
S7 … S0 (Status)
1
1
1
1
0
S1 S0 P23 P22
- - -
- - -
Don't Care
Hi-Z
Don't Care
Hi-Z
S7 S6 S5 S4 S3 S2


Similar Part No. - DLH-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLH-L60D ASC-DLH-L60D Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLH-L60D ASC-DLH-L60D Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLH-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0355 ASC-DS-0355 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLH-L10D-E1BD-C-NAV8 ASC-DLH-L10D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com