Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MBR5VJE7 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MBR5VJE7
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MBR5VJE7 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CR16MBR5VJE7 Datasheet HTML 1Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 2Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 3Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 4Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 5Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 6Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 7Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 8Page - National Semiconductor (TI) CR16MBR5VJE7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
©2001 National Semiconductor Corporation
www.national.com
Interrupt
Control
January 2002
CR16HCS5/CR16HCS9/CR16MAR5/CR16MAS5
CR16MAS9/CR16MBR5/CR16MCS5/CR16MCS9
Family of 16-bit CAN-enabled CompactRISC
Microcontrollers
1.0
General Description
The family of 16-bit CompactRISC™ microcontroller is
based on a Reduced Instruction Set Computer (RISC) ar-
chitecture. The device operates as a complete microcom-
puter with all system timing, interrupt logic, flash program
memory or ROM memory, RAM, EEPROM data memory,
and I/O ports included on-chip. It is ideally suited to a wide
range of embedded controller applications because of its
high performance, on-chip integrated features and low
power consumption resulting in decreased system cost.
The device offers the high performance of a RISC architec-
ture while retaining the advantages of a traditional Com-
plex Instruction Set Computer (CISC): compact code, on-
chip memory and I/O, and reduced cost. The CPU uses a
three-stage instruction pipeline that allows execution of up
to one instruction per clock cycle, or up to 25 million in-
structions per second (MIPS) at a clock rate of 24 MHz.
The device contains a FullCAN class, CAN serial interface
for low/high speed applications with 15 orthogonal mes-
sage buffers, each supporting standard as well as extend-
ed message identifiers.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
64k-Byte
Flash
Program
Memory
CR16CAN
Core Bus
Peripheral Bus
Clock Generator
Slow Clk*
Processing
Unit
I/O
µWire/SPI
12-ch
Fast Clk
3k-Byte
Peripheral
Bus
Controller
Power-on-Reset
2176-Byte
RAM
EEPROM
Data
MIWU
2 Analog
Comparators
Timing
and
Watchdog
Power
Manage-
ment
2x
MFT
2x
USART
CR16B
RISC Core
8-bit A/D
ACCESS
bus
4x
VTU
Memory
Memory
FullCAN 2.0B
1.5k-Byte
ISP
Please note that not all family members contain same peripheral modules and features.
Block Diagram


Similar Part No. - CR16MBR5VJE7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16M9S5 NSC-CR16M9S5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MBR5VJE7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com