Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F1740-368-3511 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. F1740-368-3511
Description  Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

F1740-368-3511 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F1740-3511 and F1740-3581
Vishay Roederstein
www.vishay.com
To contact us: RFI@Vishay.com
Document Number 27004
86
Revision 02-Oct-00
Suppression, (Bi-polar) Capacitors
Class X1Y2 AC 275V/250V
Dimensions in mm
CAPACITANCE
CAPACITANCE
DIMENSIONS
WEIGHT
QUANTITY
ORDERING
D x L
PACKAGE
CODE*
X-Value
Y-Value
(mm)
(g)
(pcs)
0.022
µFX1
2 x 2700 pFY2
12 x 27
6.5
500
F1740-322-3511
0.027
µFX1
2 x 2700 pFY2
12 x 27
6.6
500
F1740-327-3511
0.033
µFX1
2 x 2700 pFY2
12 x 35
7.0
500
F1740-333-3511
0.047
µFX1
2 x 2700 pFY2
12 x 35
7.6
500
F1740-347-3511
0.068
µFX1
2 x 2700 pFY2
14 x 35
10.0
400
F1740-368-3511
0.1
µFX1
2 x 2700 pFY2
16 x 35
13.5
300
F1740-410-3511
0.15
µFX1
2 x 2700 pFY2
18 x 35
16.6
300
F1740-415-3511
0.22
µFX1
2 x 2700 pFY2
20 x 35
22.5
250
F1740-422-3511
0.27
µFX1
2 x 2700 pFY2
20 x 50
26.1
200
F1740-427-3511
0.33
µFX1
2 x 2700 pFY2
20 x 50
28.1
200
F1740-433-3511
0.47
µFX1
2 x 2700 pFY2
25 x 50
43.5
150
F1740-447-3511
0.027
µFX1
2 x 4700 pFY2
12 x 35
7.7
500
F1740-327-3581
0.033
µFX 1
2 x 4700 pFY2
12 x 35
7.7
500
F1740-333-3581
0.047
µFX 1
2 x 4700 pFY2
14 x 35
9.6
400
F1740-347-3581
0.068
µFX 1
2 x 4700 pFY2
14 x 35
10.1
400
F1740-368-3581
0.1
µFX1
2 x 4700 pFY2
16 x 35
13.0
300
F1740-410-3581
0.15
µFX1
2 x 4700 pFY2
18 x 35
16.6
300
F1740-415-3581
0.22
µFX1
2 x 4700 pFY2
20 x 35
21.4
250
F1740-422-3581
0.27
µFX1
2 x 4700 pFY2
20 x 50
26.3
200
F1740-427-3581
0.33
µFX1
2 x 4700 pFY2
20 x 50
28.1
200
F1740-433-3581
0.47
µFX1
2 x 4700 pFY2
25 x 50
43.5
150
F1740-447-3581
D
± 0.5
TECHNICAL DATA:
See page 73 (Document Number 27001)
TERMINALS:
Insulated stranded copper wire, type LiY 0.5mm2 (or
AWG 20) ends stripped and tinned or insulated solid
copper wire, type YV (d = 0.8mm) on request.
COATING:
Plastic case, epoxy resin sealed, flame retardant,
UL-class 94V-0
RATED VOLTAGE:
AC 275V, 50/60Hz
⇒ X1
AC 250V, 50/60Hz
⇒Y2
80 + 5
50 + 5
5 + 2
Y=transparent
CIRCUIT DIAGRAM:
black
black
transparent
5 + 2
L + 2
black
black
*With
mark, the ordering code is F1740 - . . . - 34..


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn