Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD020D02505S51 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PD020D02505S51
Description  Plasma Display 20 Characters, 7 Segments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PD020D02505S51 Datasheet(HTML) 1 Page - Vishay Siliconix

  PD020D02505S51 Datasheet HTML 1Page - Vishay Siliconix PD020D02505S51 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-20D025-5
www.vishay.com
Vishay Dale
Revision: 29-Feb-12
1
Document Number: 37093
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Plasma Display
20 Characters, 7 Segments
FEATURES
• Replacement
for
former
Narco
Avionics
50401-1
(reference only)
• Neon orange color
• 0.25" characters
• Multiplexed operation
• Solder terminals (pin connections)
MAXIMUM RATINGS
• Peak applied voltage: 220 V
• Operating temperature: 0 °C to + 55 °C
• Storage temperature: - 20 °C to + 85 °C
• Altitude: 70 000 feet
Note
• Exceeding may cause damage or reduced life. Contact factory
for operating specifications.
DIMENSIONS in inches
ORDERING INFORMATION
DESCRIPTION (LEGACY NUMBER)
GLOBAL PART NUMBER
PD-20D025-5 plasma display
PD020D02505S51
Epoxy all Across Connectors
(2 places) 0.062 Max. Buildup
Fill tube is concentric with hole within ± 0.060 vertically and + 0.060/- 0.030 horizontally.
5.56 ± 0.04
1.42 ± 0.01
0.38
0.294 Max.
0.550
Max.
0.22 ± 0.02 Typ.
0.882
5.1
5.1
0.378 ± 0.010
5.1
0.820
± 0.040 Max.


Similar Part No. - PD020D02505S51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PD020D02507S51 VISHAY-PD020D02507S51 Datasheet
52Kb / 2P
   Plasma Display 20 Characters, 7 Segments, Annunciators
Revision: 29-Feb-12
More results

Similar Description - PD020D02505S51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PD-20D025-5 VISHAY-PD-20D025-5_V02 Datasheet
49Kb / 2P
   Plasma Display 20 Characters, 7 Segments
01-Jan-2023
PD-20D025-5 VISHAY-PD-20D025-5_V01 Datasheet
50Kb / 2P
   Plasma Display 20 Characters, 7 Segments
01-Jan-2022
PD-020D025-7 VISHAY-PD-020D025-7 Datasheet
52Kb / 2P
   Plasma Display 20 Characters, 7 Segments, Annunciators
Revision: 29-Feb-12
PD-020D025-7 VISHAY-PD-020D025-7_V01 Datasheet
51Kb / 2P
   Plasma Display 20 Characters, 7 Segments, Annunciators
01-Jan-2022
PD-020D025-7 VISHAY-PD-020D025-7_V02 Datasheet
50Kb / 2P
   Plasma Display 20 Characters, 7 Segments, Annunciators
01-Jan-2023
PD-13D025-2 VISHAY-PD-13D025-2_V02 Datasheet
51Kb / 2P
   Plasma Display 13 Characters, 7 Segments, Annunciators
01-Jan-2023
PD-10D025-10 VISHAY-PD-10D025-10 Datasheet
51Kb / 2P
   Plasma Display 10 Characters, 7 Segments, Annunciators
Revision: 01-Mar-12
PD-13D025-2 VISHAY-PD-13D025-2 Datasheet
53Kb / 2P
   Plasma Display 13 Characters, 7 Segments, Annunciators
Revision: 29-Feb-12
PD-13D025-2 VISHAY-PD-13D025-2_V01 Datasheet
52Kb / 2P
   Plasma Display 13 Characters, 7 Segments, Annunciators
01-Jan-2022
PD-09D025-1 VISHAY-PD-09D025-1_V02 Datasheet
48Kb / 2P
   Plasma Display 9 Characters, 7 Segments, Annunciators
01-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com