Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F1740-347-3511 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. F1740-347-3511
Description  Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

F1740-347-3511 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F1740-3511 and F1740-3581
Vishay Roederstein
Document Number 27004
To contact us: RFI@Vishay.com
www.vishay.com
Revision 02-Oct-00
87
Impedance (Z) of F1740-3511/3411 as a function of frequency (f)
at T
a = 20°C (average).
Measurement with lead length 50mm.
APPROVALS
Supp. Caps (Bi-polar) Class X1/Y2 AC 275V/250V
102
101
100
10-1
10-2
0.01
0.05 0.1
0.5 1.0
5.0 10
50
100
f
[MHz]
2 x
2700
pF
0.027
µF
0.047
µF
0.22
µF
0.15
µF
0.068
µF
0.1
µF
COUNTRY
SPECIFICATION
ELECTRICAL VALUES
APPROVAL REFERENCE
APPROVAL MARK
U.S.A.
0.022
µFX - 0.47 µFX
(for AC 250V)
+ 2 x 2700 pFY - 2 x 0.027
µFY
CB TEST-CERTIFICATE
CH 676-A1
Switzerland
EN 132 400
0.022
µFX1 - 0.47 µFX1
(for AC 275/250V)
IEC 60384-14, 2nd edition
+ 2 x 2700 pFY2 - 2 x 0.027
µFY2
This approval mark together with the CB-Certificate replace all national approval marks of the following countries
(they have already signed the CB-Agreement):
Austria
Belgium
Denmark
Finland
Sweden
France
Germany
Ireland
Italy
Switzerland
Netherlands
Israel
Portugal
Spain
Great Britain
Japan
Norway
China
Poland
Czech. Republic
Singapore
Rep. of Korea
Hungary
Iceland
Slovenia
0.022
µFX1 - 0.47 µFX
+ 2 x 2700 pFY2 - 2 x 0.027
µFY2
96.1 10036.02
UL 1283
E 76297


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn