Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MBR5VJI8 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MBR5VJI8
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MBR5VJI8 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CR16MBR5VJI8 Datasheet HTML 1Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 2Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 3Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 4Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 5Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 6Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 7Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 8Page - National Semiconductor (TI) CR16MBR5VJI8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
3
www.national.com
1.0
General Description (Continued)
The device has up to 64K bytes of reprogrammable flash EE-
PROM program memory or ROM memory, 1.5K bytes of
flash EEPROM In-System-Programming memory, 3K bytes
of static RAM, 2K bytes of non-volatile EEPROM data mem-
ory and 128 bytes with high endurance, two USARTs, two 16-
bit multi-function timers, one SPI/MICROWIRE-PLUS™ seri-
al interface, a 12-channel A/D converter, two analog compar-
ators, WATCHDOG™ protection mechanism, and up to 56
general-purpose I/O pins.
The device operates with a high-frequency crystal as the
main clock source and either the prescaled main clock
source or with a low frequency (32.768 kHz) oscillator in
Power Save mode. The device supports several Power Save
modes which are combined with multi-source interrupt and
wake-up capabilities.
This device also has a Versatile Timer Unit (VTU) with four
timer sub-systems, a CAN interface, and ACCESS.bus syn-
chronous serial bus interface.
Powerful cross-development tools are available from Nation-
al Semiconductor and third party suppliers to support the de-
velopment and debugging of application software for the
device. These tools let you program the application software
in C and are designed to take full advantage of the Compac-
tRISC architecture.
In the following text, device is always referred to the family of
16-bit CAN-enabled CompactRISC Microtroller.
2.0
Features
CPU Features
— Fully static core, capable of operating at any rate from
0 to 24 MHz (4 MHz minimum in active mode)
— 50 ns instruction cycle time with a 20 MHz external
clock frequency
— Multi-source vectored interrupts (internal, external,
and on-chip peripheral)
— Dual clock and reset
On-chip power-on reset
On-Chip Memory
— Up to 64K bytes flash EEPROM program memory; can
be programmed, erased, and reprogrammed by soft-
ware (100K cycles)
— 3K bytes of static RAM data memory
— For flash program memory devices, 1.5k bytes flash
EEPROM memory is available to store boot loader
code (100K cycles)
— 2K bytes of non-volatile EEPROM data memory with
low endurance (25K cycles) and 128 bytes with high
endurance (100K cycles)
On-Chip Peripherals
— Two Universal Synchronous/Asynchronous Receiver/
Transmitter (USART) devices
— Programmable Idle Timer and real-time clock (T0)
— Two dual 16-bit multi-function timers (MFT1 and MFT2)
— 8/16-bit SPI/MICROWIRE-PLUS serial interface
— 12-channel, 8-bit Analog-to-Digital (A/D) converter
with external voltage reference, programmable sam-
ple-and-hold delay, and programmable conversion fre-
quency
— ACCESS.bus synchronous serial bus
— FullCAN interface with 15 message buffers complaint
to CAN specification 2.0B active
— Versatile Timer Unit with four subsystems (VTU)
— Two analog comparators
— Integrated WATCHDOG logic
I/O Features
— Up to 56 general-purpose I/O pins (shared with on-chip
peripheral I/O pins)
— Programmable I/O pin characteristics: TRI-STATE out-
put, push-pull output, weak pull-up input, high-imped-
ance input
— Schmitt triggers on general purpose inputs
Power Supply
— 4.5V to 5.5V single-supply operation
Temperature Range
— –40
°C to +85°C
— –40
°C to +125°C
Development Support
— Real-time emulation and full program debug capabili-
ties available
— CompactRISC tools provide C programming and de-
bugging support


Similar Part No. - CR16MBR5VJI8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16M9S5 NSC-CR16M9S5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MBR5VJI8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com