Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0.3PSI-D-CGRADE-MINI Datasheet(PDF) 1 Page - All Sensors Corporation

Part No. 0.3PSI-D-CGRADE-MINI
Description  Miniature Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASC [All Sensors Corporation]
Homepage  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-CGRADE-MINI Datasheet(HTML) 1 Page - All Sensors Corporation

  0.3PSI-D-CGRADE-MINI Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-CGRADE-MINI Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-CGRADE-MINI Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-CGRADE-MINI Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All Sensors
DS-0106 Rev B
Marking:
right dot: Silver C-Grade
left dot:
L04: white
L10: yellow
0.3: pink
1.0: green
05: blue
15: purple
30: orange
100: brown
The Miniature series pressure sensors are based upon a proprietary technology to reduce the size of the sensor and
yet maintain a high level of performance. This model provides a calibrated millivolt output with superior output
offset characteristics. Output offset errors due to change in temperature, stability to warm-up, stability to long time
period, and position sensitivity are all significantly reduced when compared to conventional compensation meth-
ods. In addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a
very linear output to measured pressure.
These calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature
range. This series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the
like. The C-GRADE is a lowest cost version of the millivolt output pressure sensors.
The output of the device is ratiometric to the supply voltage and operation from any D.C. supply voltage.
C-Grade
Pressure Sensors
• 0 to 4” H2O to 0 to 100 PSI Pressure Ranges
• 1 % linearity version
• Temperature Compensated
• Calibrated Zero and Span
Physical Dimensions
• Medical Instrumentation
• Environmental Controls
• HVAC
General Description
Applications
Features
Miniature Pressure Sensors
No Pressure Port
Single Pressure Port
Dual Pressure Port
all dimensions in inches
Equivalent Circuit
Input Resittance
Output Resistance
5.0 k ohm
3.0 k ohm
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn