Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0.3PSI-D-HGRADE-MINI Datasheet(PDF) 4 Page - All Sensors Corporation

Part No. 0.3PSI-D-HGRADE-MINI
Description  Miniature Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASC [All Sensors Corporation]
Homepage  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-HGRADE-MINI Datasheet(HTML) 4 Page - All Sensors Corporation

  0.3PSI-D-HGRADE-MINI Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Miniature H-grade Pressure Sensors
Minimum
--
89.1
--
--
--
--
Nominal
15.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSIA
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Specification Notes
note
1: All pArAmeters Are meAsured At 12.0 volt excitAtion, for the nominAl full scAle pressure And room temperAture unless
otherwise specified
. pressure meAsurements Are with positive pressure Applied to port B.
note
2: shift is relAtive to 25°c.
note
3: shift is within the first hour of excitAtion Applied to the device.
note
4: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit.
note
5: the voltAge Added to the offset voltAge At full scAle pressure.
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or
circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Minimum
--
89.1
--
--
--
--
Nominal
30.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero gage pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
99.0
--
--
--
--
Nominal
100.0
100.0
--
--
0.25
--
Maximum
--
101.0
±0.5
±0.5
0.5
±1
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero gage pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is typically less
than 100 useconds.
Performance Characteristics for 15 PSI-A-HGRADE-MINI
Performance Characteristics for 30 PSI-G-HGRADE-MINI
Performance Characteristics for 100 PSI-G-HGRADE-MINI
Minimum
--
89.1
--
--
--
--
Nominal
30.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.5
±0.5
0.5
±1
Units
PSIA
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 30 PSI-A-HGRADE-MINI


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn