Electronic Components Datasheet Search |
|
DS55493J Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
DS55493J Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 4 page Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage 10V Input Voltage 10V Output Voltage VCC Storage Temperature Range b 65 Cto a150 C Output Current (IOUT) b 25 mA Maximum Power Dissipation at 25 C Cavity Package 1371 mW Molded Package 1280 mW Lead Temperature (Soldering 4 seconds) 260 C Derate cavity package 914 mW C above 25 C derate molded package 1024 mW C above 25 C Operating Conditions Min Max Units Supply Voltage VCC 32 88 V VSS 65 88 V Temperature TA DS75493 0 a 70 C DS55493 b 55 a 125 C Electrical Characteristics (VSS t VCC) (Notes 2 and 3) Symbol Parameter Conditions Min Typ Max Units IIN Input Current VSS e Max VIN e 88V VCC e Open VCE e 0V 32 mA IOUT e RSET 0V VCE e 88V 36 mA ICE Chip Enable Input Current VCC e Max VSS e Max VCE e 88V All Other Pins 21 mA to GND IOUT Output Current IOUT 215V RL e 50X VCC e Min VSS e 65V ICE e 80 mA VIN e 65V b 8 b 13 mA Through 10 kX VCE e 0V VIN e 88V b 16 b 20 mA IOL Output Leakage Current IOUT e RSET 0V VCC e Min VCE e 0V Measure Current to Gnd VIN e 88V Through b 200 m A VSS e 88V 100 kX VCE e 65V Though b 100 m A 10 kX VIN e 88V ICC Supply Current VCC VCC e Max VSS e Max All Other Pins to Gnd 40 m A ISS Supply Current VCC e 0V All Other Pins to Gnd 40 m A VCC e Min VSS e 88V IOUT 215V VCE e 88V Through 100 kX 05 15 mA RL e 50X IOUT e Open RSET e Open 14 mA VCE e 0V Switching Characteristics TA e 25 C nominal power supplies unless otherwise noted Symbol Parameter Conditions Min Typ Max Units tpd(OFF) Propagation Delay to a Logical ‘‘0’’ (See AC Test Circuit 170 300 ns From Input to Output tpd(ON) Propagation Delay to a Logical ‘‘1’’ (See AC Test Circuit) 11 100 ns From Input to Output Note 1 ‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation Note 2 Unless otherwise specified minmax limits apply across the 0 Cto a70 C range for the DS75493 and across the b55 Cto a125 C range for the DS55493 Note 3 All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown as max or min on absolute value basis 2 |
Similar Part No. - DS55493J |
|
Similar Description - DS55493J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |