Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44HQ6500G8TK Datasheet(PDF) 6 Page - Kemet Corporation

Part # C44HQ6500G8TK
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44HQ6500G8TK Datasheet(HTML) 6 Page - Kemet Corporation

  C44HQ6500G8TK Datasheet HTML 1Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 2Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 3Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 4Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 5Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 6Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 7Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 8Page - Kemet Corporation C44HQ6500G8TK Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
6
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Table 1B – Ratings & Part Number Reference
Cap
Value
(µF)
VDC
Maximum
Dimensions (mm)
Ripple
Current
Peak
Current
ESR
ESL
Thermal
Res
dV/dt
(V/µs)
Pkg
Qty
Weight
(grams)
Part Number
Group B
Standard Duty
D
H
H1
10 kHz
40°C
(A)1
(A)
10 kHz
(mΩ)
(nH)
(°C/W)
600
600
85
124.5
126
83
8200
0.75
50
5.8
14
5
940
C44UHGT6600G8TK
200
900
76
95
101
45
2000
2.3
36
6.4
10
9
645
C44UOGQ6200F7SK
270
900
76
95
101
50
2700
1.8
36
6.4
10
9
610
C44UOGQ6270F7SK
370
900
85
95
101
60
3700
1.4
40
5.6
10
5
715
C44UOGQ6370F8SK
510
900
85
120
126
60
3570
1.8
40
4.6
7
5
840
C44UOGQ6510F8SK
600
900
85
140
146
58
4200
2.2
40
4.1
7
5
950
C44UOGQ6600F8SK
130
1100
76
95
101
40
1560
2.8
36
6.4
12
9
580
C44UQGQ6130F7SK
175
1100
76
95
101
46
2100
2.2
36
6.4
12
9
610
C44UQGQ6175F7SK
240
1100
85
95
101
56
2880
1.7
40
5.6
12
5
710
C44UQGQ6240F8SK
280
1100
76
140
146
43
1960
3.4
40
4.6
7
9
805
C44UQGQ6280F7SK
330
1100
85
140
146
50
2310
2.9
40
4.1
7
5
990
C44UQGQ6330F8SK
420
1100
85
155
161
60
2940
2.1
60
3.7
7
5
1120
C44UQGT6420G8SK
500
1100
85
174
180
90
6000
1.1
80
3.4
12
5
1120
C44UQGQ6500F8SK
90
1300
76
95
101
37
1350
3.3
36
6.4
15
9
580
C44UUGQ5900F7SK
120
1300
76
95
101
43
1800
2.5
36
6.4
15
9
610
C44UUGQ6120F7SK
165
1300
85
95
101
52
2475
2.0
40
5.6
15
5
716
C44UUGQ6165F8SK
195
1300
76
140
146
40
1755
4.0
50
4.6
9
9
797
C44UUGQ6195F7SK
250
1300
85
140
146
47
2250
3.3
50
4.1
9
5
957
C44UUGQ6250F8SK
320
1300
85
174
180
82
4800
1.3
80
3.4
15
5
1130
C44UUGQ6320F8SK
550
1300
85
264
270
82
4950
1.9
100
2.3
9
5
1600
C44UUGQ6550F8SK
Cap
Value
VDC
D
H
H1
Ripple
Current
Peak
Current
ESR
ESL
Thermal
Res
dV/dt
(V/µs)
Pkg
Qty
Weight
Part Number
1
Current values that lead to a ΔT of ~70°C in the Hot Spot à T
HS = TAMB + ΔT = 70°C
For Packaging quantities not listed, please contact KEMET.
Marking


Similar Part No. - C44HQ6500G8TK

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C44H CDIL-C44H Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H1 CDIL-C44H1 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H10 CDIL-C44H10 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H11 CDIL-C44H11 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H2 CDIL-C44H2 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
More results

Similar Description - C44HQ6500G8TK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com