Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44HY6500A8TK Datasheet(PDF) 7 Page - Kemet Corporation

Part # C44HY6500A8TK
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44HY6500A8TK Datasheet(HTML) 7 Page - Kemet Corporation

  C44HY6500A8TK Datasheet HTML 1Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 2Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 3Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 4Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 5Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 6Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 7Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 8Page - Kemet Corporation C44HY6500A8TK Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
7
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production.
In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the
use of some hazardous materials, like Lead (Pb), in electronic equipment. All products in this catalog are produced to help
our customers' obligations to guarantee their products to fulfill these legislative requirements. The only material of concern
in our products has been Lead (Pb), which has been removed from all designs to fulfill the requirement of containing less
than 0.1% of Lead in any homogeneous material.
KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever
needed.
Some customer segments like Medical, Military and Automotive Electronics may still require the use of Lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Because of customer requirements there may appear additional markings like LF = Lead Free or LFW = Lead Free Wires on
the label.
All KEMET power film products are RoHS Compliant.
Materials & Environment
The selection of materials used by KEMET for the production of capacitors is the result of extensive experience and
constant attention to environmental protection. KEMET selects its suppliers according to ISO 9001 standards and carries out
statistical analysis on the materials purchased before acceptance. All materials are, to the company's present knowledge,
non-toxic and free from Cadmium, Mercury, Chrome and compounds, PCB (Polychlorine Triphenyl), Bromide and Chlorine
Dioxins Bromurate Clorurate, CFC and HCFC and Asbestos.
Green Products
All KEMET power film products are ROHS Compliant.
Insulation Resistance
When the capacitor temperature increases, the insulation resistance decreases. This is due to increased electron activity.
Low insulation resistance can also be the result of moisture trapped in the windings, caused by a prolonged exposure to
excessive humidity.
Dissipation Factor
Dissipation factor is a complex function involved with the inefficiency of the capacitor. The tgδ may change up and down
with increased temperature. For more information, please refer to Performance Characteristics.


Similar Part No. - C44HY6500A8TK

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C44H CDIL-C44H Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H1 CDIL-C44H1 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H10 CDIL-C44H10 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H11 CDIL-C44H11 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
C44H2 CDIL-C44H2 Datasheet
108Kb / 4P
   SILICON PLASTIC POWER TRANSISTORS
More results

Similar Description - C44HY6500A8TK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com