Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS400OC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28RS400OC
Description  Clock Generator for ATI RS400 Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS400OC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28RS400OC Datasheet HTML 6Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 7Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 8Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 9Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 10Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 11Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 12Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 13Page - Cypress Semiconductor CY28RS400OC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CY28RS400
Document #: 38-07637 Rev. *B
Page 10 of 19
CPU_STP# Assertion
The CPU_STP# signal is an active low input used for
synchronous stopping and starting the CPU output clocks
while the rest of the clock generator continues to function.
When the CPU_STP# pin is asserted, all CPU outputs that are
set with the SMBus configuration to be stoppable via assertion
of CPU_STP# will be stopped within two–six CPU clock
periods after being sampled by two rising edges of the internal
CPUC clock. The final states of the stopped CPU signals are
CPUT = HIGH and CPUC = LOW. There is no change to the
output drive current values during the stopped state. The
CPUT is driven HIGH with a current value equal to 6 x (Iref),
and the CPUC signal will be Hi-Z. When the control register
CPU_STP Hi-Z bit corresponding to the output of interest is
programmed to ‘1’, the final state of the stopped CPU clock is
low (due to external 50 ohm pull-down resistor), both CPUT
clock and CPUC clock outputs will not be driven.
CPU_STP# Deassertion
The deassertion of the CPU_STP# signal will cause all CPU
outputs that were stopped to resume normal operation in a
synchronous manner. Synchronous manner meaning that no
short or stretched clock pulses will be produce when the clock
resumes. The maximum latency from the deassertion to active
outputs is 2 - 6 CPU clock cycles.
Figure 4. Power-down Deassertion Timing Waveform
DOT96C
PD
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
USB, 48MHz
DOT96T
SRCT 100MHz
Tstable
<1.8nS
PCI, 33MHz
REF
Tdrive_PWRDN#
<300
µS, >200mV
CPU_STP#
CPUT
CPUC
Figure 5. CPU_STP# Assertion Waveform
CPU_STP#
CPUT
CPUC
CPUT Internal
Tdrive_CPU_STP#,10nS>200mV
CPUC Internal
Figure 6. CPU_STP# Deassertion Waveform


Similar Part No. - CY28RS400OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS400OC SPECTRALINEAR-CY28RS400OC Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
CY28RS400OCT SPECTRALINEAR-CY28RS400OCT Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
More results

Similar Description - CY28RS400OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Cypress Semiconductor
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
logo
Renesas Technology Corp
IDTCV136 RENESAS-IDTCV136 Datasheet
268Kb / 20P
   PROGRAMMABLE FLEXPC™ CLOCK FOR ATI RS400
MAY 2005
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
   System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951411 ICST-ICS951411 Datasheet
197Kb / 19P
   System Clock Chip for ATI RS400 P4TM-based Systems
logo
Renesas Technology Corp
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
   Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
   Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com