Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44JY6500F7TK Datasheet(PDF) 2 Page - Kemet Corporation

Part # C44JY6500F7TK
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44JY6500F7TK Datasheet(HTML) 2 Page - Kemet Corporation

  C44JY6500F7TK Datasheet HTML 1Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 2Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 3Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 4Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 5Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 6Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 7Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 8Page - Kemet Corporation C44JY6500F7TK Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
2
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Dimensions – Millimeters
D
S
H
15
T
S
Threaded Post
Termination
M
2.5
25 x 2.5
H1
MT
Threaded Insert
Termination
D
H
H1
S
Threaded Insert
Terminations (T)
Threaded Post
Terminations (MT)
Mounting Stud (M)
+1/−0
+0.5/−0
±1
±0.2
76
55
61
31.7
M6x12
M8x22.5
M12x16
76
70
76
31.7
M6x12
M8x22.5
M12x16
76
95
101
31.7
M6x12
M8x22.5
M12x16
76
120
126
31.7
M6x12
M8x22.5
M12x16
76
140
146
31.7
M6x12
M8x22.5
M12x16
85
55
61
31.7
M6x12
M8x22.5
M12x16
85
70
76
31.7
M6x12
M8x22.5
M12x16
85
95
101
31.7
M6x12
M8x22.5
M12x16
85
120
126
31.7
M6x12
M8x22.5
M12x16
85
124.5
126
32
M6x10
M8x22.5
M12x16
85
140
146
31.7
M6x12
M8x22.5
M12x16
85
155
161
31.7
M6x12
M8x22.5
M12x16
85
174
180
31.7
M6x12
M8x22.5
M12x16
85
264
270
31.7
M6x12
M8x22.5
M12x16
Qualifications
Reference Standards
IEC 61071
IEC Climatic Category
40/85/21 according to IEC
60068-1


Similar Part No. - C44JY6500F7TK

ManufacturerPart #DatasheetDescription
logo
Surge Components
C44 SURGE-C44 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
logo
Texas Instruments
C44-10BSA1-G TI-C44-10BSA1-G Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
logo
Powerex Power Semicondu...
C440 POWEREX-C440 Datasheet
525Kb / 4P
   Phase Control SCR 900 Amperes Average 1600 Volts
logo
Kemet Corporation
C440 KEMET-C440 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440 KEMET-C440 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C44JY6500F7TK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com