Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C43642AV Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C43642AV
Description  3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C43642AV Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C43642AV Datasheet HTML 1Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 2Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 3Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 4Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 5Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 6Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 7Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 8Page - Cypress Semiconductor CY7C43642AV Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
3.3V 1K/4K/16K x36 x2 Bidirectional
Synchronous FIFO
CY7C43642AV
CY7C43662AV
CY7C43682AV
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06020 Rev. *C
Revised December 26, 2002
Features
• 3.3V high-speed, low-power, bidirectional, First-In
First-Out (FIFO) memories
• 1K ×36 ×2 (CY7C43642AV)
• 4K x36 x2 (CY7C43662AV)
• 16K x36 x2 (CY7C43682AV)
• 0.25-micron CMOS for optimum speed/power
• High-speed 133-MHz operation (7.5-ns Read/Write
cycle times)
• Low power
—ICC = 60 mA
—ISB = 10 mA
• Fully asynchronous and simultaneous Read and Write
operations permitted
• Mailbox bypass register for each FIFO
• Parallel Programmable Almost Full and Almost Empty
flags
• Retransmit function
• Standard or FWFT user-selectable mode
• 120-pin TQFP package
• Easily expandable in width and depth
Logic Block Diagram
Port A
Control
Logic
Port B
Control
Logic
Mail1
Register
Write
Pointer
Read
Pointer
Status
Flag Logic
Programmable
Flag Offset
Timing
Mode
Status
Flag Logic
Write
Pointer
Read
Pointer
1K/4K/16K
× 36
Dual Ported
Memory
1K/4K/16K
× 36
Dual Ported
Memory
Mail2
Register
FIFO1,
Mail1
Reset
Logic
FIFO2,
Mail2
Reset
Logic
CLKA
CSA
W/RA
ENA
MBA
RT2
MRST1
FFA/IRA
AFA
FS0
FS1
A0–35
EFA/ORA
AEA
MBF2
MRST2
FFB/IRB
AFB
FWFT/STAN
B0–35
CLKB
CSB
W/RB
ENB
MBB
RT1
EFB/ORB
AEB
MBF1
Registers
(FIFO1)
(FIFo2)


Similar Part No. - CY7C43642AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43642 CYPRESS-CY7C43642 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43642-10AC CYPRESS-CY7C43642-10AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43642-15AC CYPRESS-CY7C43642-15AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43642-7AC CYPRESS-CY7C43642-7AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
More results

Similar Description - CY7C43642AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43642 CYPRESS-CY7C43642 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43644AV CYPRESS-CY7C43644AV Datasheet
653Kb / 37P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43644 CYPRESS-CY7C43644 Datasheet
651Kb / 39P
   1K/4K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43646 CYPRESS-CY7C43646 Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43663AV CYPRESS-CY7C43663AV Datasheet
481Kb / 28P
   3.3V 1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43643 CYPRESS-CY7C43643 Datasheet
487Kb / 29P
   1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43646AV CYPRESS-CY7C43646AV Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com