Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA17824T Datasheet(PDF) 2 Page - Rohm

Part # BA17824T
Description  Standard 78 series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17824T Datasheet(HTML) 2 Page - Rohm

  BA17824T Datasheet HTML 1Page - Rohm BA17824T Datasheet HTML 2Page - Rohm BA17824T Datasheet HTML 3Page - Rohm BA17824T Datasheet HTML 4Page - Rohm BA17824T Datasheet HTML 5Page - Rohm BA17824T Datasheet HTML 6Page - Rohm BA17824T Datasheet HTML 7Page - Rohm BA17824T Datasheet HTML 8Page - Rohm BA17824T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BA178!!T / FP series
Regulator ICs
"
"
"
"
Internal circuit configuration diagram
R4
R2
R16
R15
C1
R10
R8
R9
R11
R12
R20
R19
R21
R17
R13
D2
R5
R6
R1
R7
R22
R18
R3
R14
D3
D1
Q3
Q11
Q4
Q2
Q7
Q5
Q13
Q12
Q10
Q6
Q8
Q9
Q15
Q16
Q17
Q1
Q14
Q18
(2)
COMMON
(3)
OUTPUT
(1)
INPUT
"
"
"
"
Absolute maximum ratings (Ta=25
°C)
^Common specifications for BA178!!T / FP seriesp
Parameter
Symbol
Limits
Unit
Applied voltage
VIN
35
V
Power
dissipation
TO220FP
W
Operating temperature
Topr
˚C
Storage temperature
Tstg
˚C
2.0
1.0
Reduced by 16 mW / ˚C (TO220FP) and 8 mW / ˚C (TO252-3) for each increase in Ta of 1˚C over 25˚C
(without heat sink).
TO252-3
Pd
−40∼+85
−55∼+150
"
"
"
"
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
BA17805T / FP
Max.
Unit
Input voltage
7.5
25
V
Output current
1A
VIN
IO
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
8.5
21
V
Output current
−−
1A
VIN
IO
BA17806T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
9.5
22
V
−−
1A
VIN
IO
BA17807T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
10.5
23
V
−−
1A
VIN
IO
BA17808T / FP


Similar Part No. - BA17824T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17824T ROHM-BA17824T Datasheet
244Kb / 6P
   Three-Terminal Regulator
More results

Similar Description - BA17824T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA178M00T ROHM-BA178M00T Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com