Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74102E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 74102E3
Description  Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

74102E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  74102E3 Datasheet HTML 1Page - Vishay Siliconix 74102E3 Datasheet HTML 2Page - Vishay Siliconix 74102E3 Datasheet HTML 3Page - Vishay Siliconix 74102E3 Datasheet HTML 4Page - Vishay Siliconix 74102E3 Datasheet HTML 5Page - Vishay Siliconix 74102E3 Datasheet HTML 6Page - Vishay Siliconix 74102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
096 PLL-4TSI
www.vishay.com
Vishay BCcomponents
Revision: 14-Oct-16
1
Document Number: 28392
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Power Long Life 4-Terminal Snap-In
Fig. 1
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, minimized dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Pressure relief on the side of the aluminum case
• Very long useful life: 5000 h at 85 °C
• Temperature range up to 85 °C
• Keyed polarity
• Low ESR, high ripple current capability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunication and industrial systems
• Smoothing and filtering applications
• Switched mode power supplies
• Renewable energy power converters
• Energy storage in pulse systems
• For excellent mounting stability
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• “-” sign to identify the negative terminal, visible from the
top and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size (D x L in mm)
35 x 50 to 45 x 100
Rated capacitance range CR
390 μF to 2700 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
350 V to 500 V
Category temperature range
-40 °C to +85 °C
Endurance test at 85 °C
2000 h
Useful life at 85 °C
5000 h
Useful life at 40 °C,
1.4 x IR applied
200 000 h
Shelf life at 0 V, 85 °C
1000 h
Max. RMS value of ripple voltage
12 V
Based on sectional specification
IEC 60384-4 / EN130300
Climatic category IEC 60068
40 / 085 / 56
096
longer life
095
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
350
385
400
420
450
500
390
-
-
-
-
-
35 x 60
470
-
-
-
-
-
35 x 70
560
-
-
-
-
35 x 60
35 x 70
40 x 60
680
-
35 x 50
40 x 50
35 x 60
40 x 50
35 x 60
40 x 50
35 x 70
40 x 50
35 x 80
40 x 70
820
35 x 50
40 x 40
35 x 60
40 x 50
35 x 60
40 x 50
35 x 70
40 x 60
35 x 80
40 x 60
35 x 100
40 x 80
1000
35 x 60
40 x 50
35 x 70
40 x 60
35 x 70
40 x 60
45 x 50
35 x 80
40 x 60
35 x 100
40 x 70
45 x 60
40 x 100
45 x 70
1200
35 x 70
40 x 60
35 x 80
40 x 70
35 x 80
40 x 70
45 x 60
40 x 70
40 x 80
45 x 70
45 x 100
1500
35 x 80
40 x 70
45 x 60
40 x 80
45 x 60
35 x 100
40 x 80
45 x 70
40 x 100
45 x 70
40 x 100
45 x 80
45 x 100
1800
40 x 80
45 x 60
40 x 100
45 x 70
40 x 100
45 x 80
40 x 100
45 x 80
45 x 100
-
2200
40 x 100
45 x 70
40 x 100
45 x 100
45 x 100
-
-
2700
45 x 100
45 x 100
45 x 100
-
-
-


Similar Part No. - 74102E3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
7410 NSC-7410 Datasheet
93Kb / 4P
   Triple 3-Input NAND Gates
logo
Heyco.
7410 HEYCO-7410 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
logo
Winchester Electronics ...
7410-1 WINCHESTER-7410-1 Datasheet
42Kb / 1P
   ADAPTER, M-F, PATCH-BNC
7410-11 WINCHESTER-7410-11 Datasheet
83Kb / 1P
   PATCH PLUG
7410-13 WINCHESTER-7410-13 Datasheet
54Kb / 1P
   PATCH PLUG
More results

Similar Description - 74102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL-4TSI VISHAY-096PLL-4TSI Datasheet
106Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 08-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com