Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64102E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 64102E3
Description  Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

64102E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  64102E3 Datasheet HTML 1Page - Vishay Siliconix 64102E3 Datasheet HTML 2Page - Vishay Siliconix 64102E3 Datasheet HTML 3Page - Vishay Siliconix 64102E3 Datasheet HTML 4Page - Vishay Siliconix 64102E3 Datasheet HTML 5Page - Vishay Siliconix 64102E3 Datasheet HTML 6Page - Vishay Siliconix 64102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
096 PLL-4TSI
www.vishay.com
Vishay BCcomponents
Revision: 14-Oct-16
6
Document Number: 28392
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
Table 5
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
100
200
400
1000
10 000
IR MULTIPLIER
0.9
1.0
1.2
1.3
1.4
1.5
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4 /
EN130300
subclause 4.13
Tamb = 85 °C; UR applied
2000 h
C/C: ± 10 %
ESR
 1.3 x spec. limit
Z
 2 x spec. limit
IL5  spec. limit
Useful life
CECC 30301
subclause 4.13
Tamb = 85 °C; UR and IR applied; 
5000 h
C/C: ± 30 %
ESR
 3 x spec. limit
Z
 3 x spec. limit
IL5  spec. limit
no short or open circuit,
no visible damage
total failure percentage:
 3 %
Shelf life
IEC 60384-4 /
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
1000 h
After test: UR to be applied for 30 min
24 h to 48 h before measurement
C/C: ± 10 %
ESR
 1.2 x spec. limit
IL5  2 x spec. limit
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
40
50
60
70
80
90
100
(1)
I
A
I
R
Lifetime multiplier
CCC205-05
T
amb (°C)
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple current at 100 Hz and 85 °C
(1) Useful life at 85 °C and I
R applied: 5000 h


Similar Part No. - 64102E3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
6410 MOLEX-6410 Datasheet
69Kb / 2P
   KK Mini -2.50mm & 2.54mm Modular Interconnection System
6410-2A110210-C MOLEX3-6410-2A110210-C Datasheet
438Kb / 6P
   2.54mm (.100") Pitch KK짰 Header, Vertical, with Friction Lock, 2 Circuits, Tin (Sn), Red
6410-4A102D-C MOLEX3-6410-4A102D-C Datasheet
430Kb / 6P
   2.54mm (.100") Pitch KK짰 Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn), Red
6410-4AD-C MOLEX3-6410-4AD-C Datasheet
430Kb / 6P
   2.54mm (.100") Pitch KK짰 Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn), Red
logo
KIA Semiconductor Techn...
6410A KIA-6410A Datasheet
135Kb / 5P
   15A竊?00V N-CHANNEL MOSFET
More results

Similar Description - 64102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL-4TSI VISHAY-096PLL-4TSI Datasheet
106Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 08-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com