Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPT-BD53-01 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # SFPT-BD53-01
Description  1.25Gbps SFP Bi-Directional Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-BD53-01 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  SFPT-BD53-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 8Page - Pulse A Technitrol Company SFPT-BD53-01 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
1.25Gbps SFP Bi-Directional Transceiver, 20km Reach
1550nm TX / 1310 nm RX
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-BD53-01
ELLA
15 Sep., 2014
P1
1
OF
11
http://www.pulseelectronics.com/
PART NUMBER: SFPT-BD53-01
PRODUCT FEATURES
Dual data-rate of 1.25Gbps/1.063Gbps operation
1550nm DFB laser and PIN photo detector for 20km transmission
Compliant with SFP MSA and SFF-8472 with simplex LC receptacle
Digital Diagnostic Monitoring:
Internal Calibration or External Calibration
Compatible with SONET OC-24-LR-1
Compatible with RoHS
+3.3V single power supply
Operating case temperature range of
0°C to +70°C (Commercial)
APPLICATIONS
Gigabit Ethernet
Fiber Channel
Switch to Switch interface
Switched backplane applications
Router/Server interface
Other optical transmission systems


Similar Part No. - SFPT-BD53-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
SFPT-BD35-01 PULSE-SFPT-BD35-01 Datasheet
208Kb / 10P
   SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
More results

Similar Description - SFPT-BD53-01

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com