Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPT-BD35-01 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # SFPT-BD35-01
Description  SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-BD35-01 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  SFPT-BD35-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 8Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRODUCT DATASHEET
SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-BD35-01
ELLA
15 Sep., 2014
P1
4
OF
10
http://www.pulseelectronics.com/
2. Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
3. Should be pulled up with 4.7k - 10kohms on host board to a voltage between 2.0V and 3.6V.MOD_DEF(0)
pulls line low to indicate module is plugged in.
4. This is an optional input used to control the receiver bandwidth for compatibility with multiple data rates
(most likely Fiber Channel 1x and 2x Rates). If implemented, the input will be internally pulled down with >
30kΩ resistor. The input states are:
Low (0 – 0.8V):
Reduced Bandwidth
(>0.8V, < 2.0V):
Undefined
High (2.0 – 3.465V):
Full Bandwidth
Open:
Reduced Bandwidth
5. LOS is open collector output. Should be pulled up with 4.7k - 10kohms on host board to a voltage between
2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
Figure 2: Pin-out of Connector Block on Host Board


Similar Part No. - SFPT-BD35-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
More results

Similar Description - SFPT-BD35-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
logo
Level One
SFP-7331 LVL1-SFP-7331 Datasheet
420Kb / 3P
   155M SMF BIDI SFP Transceiver, 20km,T1550/R1310nm
SFP-7321 LVL1-SFP-7321 Datasheet
317Kb / 4P
   155M SMF BIDI SFP Transceiver 20km T1310/R1550nm
SFP-7421 LVL1-SFP-7421 Datasheet
255Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1310/1550nm
SFP-9331 LVL1-SFP-9331 Datasheet
327Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1550/R1310nm
SFP-9321 LVL1-SFP-9321 Datasheet
324Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1310/R1550nm
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Level One
SFP-7431 LVL1-SFP-7431 Datasheet
258Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1550/1310nm
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
logo
Source Photonics, Inc.
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
   20Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com