Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA17808T Datasheet(PDF) 4 Page - Rohm

Part # BA17808T
Description  Standard 78 series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17808T Datasheet(HTML) 4 Page - Rohm

  BA17808T Datasheet HTML 1Page - Rohm BA17808T Datasheet HTML 2Page - Rohm BA17808T Datasheet HTML 3Page - Rohm BA17808T Datasheet HTML 4Page - Rohm BA17808T Datasheet HTML 5Page - Rohm BA17808T Datasheet HTML 6Page - Rohm BA17808T Datasheet HTML 7Page - Rohm BA17808T Datasheet HTML 8Page - Rohm BA17808T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BA178!!T / FP series
Regulator ICs
<BA17806T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=11V, IO=500mA)
Output voltage 1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
5.75
6.0
6.25
V
IO
=500mA
VO2
5.7
6.3
V
Reg.I1
4
120
mV
Reg.I2
260
mV
R.R.
59
73
dB
Reg.L1
16
120
mV
IO
=5mA
∼1A
Reg.L2
660
mV
IO
=250
∼750mA
TCVO
−−0.5
mV/˚C
Vn
60
−µVf=10Hz∼100kHz
Vd
2.0
VIO
=1A
Ib
4.5
8.0
mA
IO
=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
1.7
ATj
=25˚C
IOS
0.6
AVIN
=25V
VIN
=8.5
∼21V, IO=5mA∼1A
VIN
=8
∼25V, IO=500mA
VIN
=9
∼13V, IO=500mA
eIN
=1Vrms, f=120Hz, IO=100mA
IO
=5mA, Tj=0
∼125˚C
VIN
=8.5
∼25V
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
IO=5mA
∼1A
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
<BA17807T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=13V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
6.7
7.0
7.3
V
IO
=500mA
VO2
6.65
7.35
V
Reg.I1
5
140
mV
Reg.I2
270
mV
R.R.
57
69
dB
Reg.L1
17
140
mV
IO
=5mA
∼1A
Reg.L2
670
mV
IO
=250
∼750mA
TCVO
−−0.5
mV/˚C
Vn
70
µV
f
=10Hz
∼100kHz
Vd
2.0
V
IO
=1A
Ib
4.5
8.5
mA
IO
=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
1.7
A
Tj
=25˚C
IOS
0.6
A
VIN
=25V
VIN
=9.5
∼22V, IO=5mA∼1A
VIN
=9
∼25V, IO=500mA
VIN
=10
∼15V, IO=500mA
eIN
=1Vrms, f=120Hz, IO=100mA
IO
=5mA, Tj=0
∼125˚C
VIN
=9.5
∼25V
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
IO=5mA
∼1A
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current


Similar Part No. - BA17808T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17808T ROHM-BA17808T Datasheet
244Kb / 6P
   Three-Terminal Regulator
More results

Similar Description - BA17808T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA178M00T ROHM-BA178M00T Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com