Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC8101 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC8101
Description  Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC8101 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC8101 Datasheet HTML 6Page - National Semiconductor (TI) LMC8101 Datasheet HTML 7Page - National Semiconductor (TI) LMC8101 Datasheet HTML 8Page - National Semiconductor (TI) LMC8101 Datasheet HTML 9Page - National Semiconductor (TI) LMC8101 Datasheet HTML 10Page - National Semiconductor (TI) LMC8101 Datasheet HTML 11Page - National Semiconductor (TI) LMC8101 Datasheet HTML 12Page - National Semiconductor (TI) LMC8101 Datasheet HTML 13Page - National Semiconductor (TI) LMC8101 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical Performance Characteristics V
S = 2.7V, Single Supply, VCM = V
+/2, T
A = 25˚C unless
specified (Continued)
Delta V
OS vs. VCM
(Ref V
CM = 1.35V)
DS101240-92
Delta V
OS vs. VCM
(Ref V
CM = 5V)
DS101240-93
Offset Voltage vs.
V
supply
DS101240-37
Output Positive Swing vs.
Supply Voltage, R
L = 600Ω to V
+/2
DS101240-25
Output Positive Swing vs.
Supply Voltage R
L = 2k to V
+/2
DS101240-27
Output Negative Swing vs.
Supply Voltage, R
L = 600Ω to V
+/2
DS101240-35
Output Negative Swing vs.
Supply Voltage, R
L = 2k to V
+/2
DS101240-36
Short Circuit Sinking Current vs.
Supply Voltage
DS101240-26
Short Circuit Sourcing Current vs.
Supply Voltage
DS101240-30
www.national.com
10


Similar Part No. - LMC8101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
[Old version datasheet]   Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
logo
National Semiconductor ...
LMC8101BP NSC-LMC8101BP Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101BPX NSC-LMC8101BPX Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101MM NSC-LMC8101MM Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Texas Instruments
LMC8101MM TI1-LMC8101MM Datasheet
1Mb / 26P
[Old version datasheet]   Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
More results

Similar Description - LMC8101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC8101TP NSC-LMC8101TP Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
[Old version datasheet]   Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com