Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6584 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6584
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6584 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC6584 Datasheet HTML 2Page - National Semiconductor (TI) LMC6584 Datasheet HTML 3Page - National Semiconductor (TI) LMC6584 Datasheet HTML 4Page - National Semiconductor (TI) LMC6584 Datasheet HTML 5Page - National Semiconductor (TI) LMC6584 Datasheet HTML 6Page - National Semiconductor (TI) LMC6584 Datasheet HTML 7Page - National Semiconductor (TI) LMC6584 Datasheet HTML 8Page - National Semiconductor (TI) LMC6584 Datasheet HTML 9Page - National Semiconductor (TI) LMC6584 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
10V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 10.0V, V= 0V, V
CM = VO = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
LMC6582AI
LMC6582BI
Symbol
Parameter
Conditions
Typ
LMC6584AI
LMC6584BI
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
CM = 1.5V
0.5
1.5
3.5
mV
3.0
5.0
max
TCV
OS
Input Offset Voltage
1.5
µV/˚C
Average Drift
I
B
Input Current
(Note 12)
0.08
20
20
pA max
I
OS
Input Offset Current
(Note 12)
0.04
10
10
pA max
R
IN
Input Resistance
>1
Tera
C
IN
Input Capacitance
3
pF
CMRR
Common Mode
(Note 13)
82
65
65
dB
Rejection Ratio
62
62
min
PSRR
Power Supply
±1.1V
≤ V+ ±5V,
82
70
65
dB
Rejection Ratio
V
O = V
+/2 = V
CM
65
62
min
V
CM
Input Common Mode
CMRR > 50 dB
10.30
10.18
10.18
V
Voltage Range
10.00
10.00
min
−0.30
−0.18
−0.18
V
0.00
0.00
max
V
O
Output Swing
R
L = 2kΩ to V
+/2
9.93
9.7
9.7
V
9.58
9.58
min
0.08
0.3
0.3
V
0.42
0.42
max
A
V
Large Signal
R
L = 2kΩ to V
+/2
Sourcing
89
25
25
V/mV
Voltage Gain
(Note 12)
Sinking
224
25
25
V/mV
I
SC
Output Short Circuit
Sourcing, V
O = 0V
65
30
30
mA
Current
(Note 14)
22
22
min
Sinking, V
O = 10V
70
30
30
mA
(Note 14)
22
22
min
I
S
Supply Current
Dual, LMC6582
1.6
3.0
3.0
mA
V
CM = 1.5V
3.6
3.6
max
Quad, LMC6584
3.2
6.0
6.0
mA
V
CM = 1.5V
7.2
7.2
max
www.national.com
6


Similar Part No. - LMC6584

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6572 NSC-LMC6572 Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572 TI1-LMC6572 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572AIM NSC-LMC6572AIM Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572AIM/NOPB TI1-LMC6572AIM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572AIMNOPB NSC-LMC6572AIMNOPB Datasheet
1Mb / 22P
   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
More results

Similar Description - LMC6584

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
[Old version datasheet]   SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com