Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44UY6500F7SJ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44UY6500F7SJ
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44UY6500F7SJ Datasheet(HTML) 1 Page - Kemet Corporation

  C44UY6500F7SJ Datasheet HTML 1Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 2Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 3Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 4Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 5Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 6Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 7Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 8Page - Kemet Corporation C44UY6500F7SJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
1
One world. One KEMET
Benefits
• Controlled self-healing
• Low losses
• High ripple current
• High capacitance density
• Long lifetime
Overview
The C44U Series is a polypropylene segmented metallized
film with cylindrical aluminium can type filled with resin,
screw terminals and plastic deck.
Applications
Typical applications include DC filtering and energy storage.
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Part Number System
C4
4
U
Q
G
T
6
5
0
0
F
8
S
K
Series
DC
Voltage
Case and
Fixing
Terminals
Code
Capacitance
Code (pF)
Variants
Case
Diameter
Film Type Tolerance
C4 = MKP
Capacitors
for Power
Applications
4 =
Cylindrical
types
U =
DC
link
H = 600 V
J = 700 V
O = 900 V
Q = 1,100
V
U = 1,300
V
G =
Cylindrical
case with
threaded
bolt M12
E =
Cylindrical
case without
threaded
bolt
T = M6
female
terminals
Q = M8
male
terminals
Y = M8
female
terminals
Digits 9, 10 & 11 indicate the first
3 digits of capacitance value.
Digit 8 indicates the number of
zeros to be added.
A = 85°C
Hot Spot
temperature
series
F/G = 70°C
Hot Spot
temperature
series
7 = 76 mm
8 = 85 mm
T = Standard
film
S =
Segmented
film
J = 5%
K = 10%


Similar Part No. - C44UY6500F7SJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UHGT6600G8TK KEMET-C44UHGT6600G8TK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UHGT6650M81K KEMET-C44UHGT6650M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 650 uF, 10%, 600 VDC
C44UHGT6800M82K KEMET-C44UHGT6800M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 800 uF, 10%, 600 VDC
C44UHGT6900M83K KEMET-C44UHGT6900M83K Datasheet
67Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 600 VDC
C44UHGT7100M84K KEMET-C44UHGT7100M84K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1000 uF, 10%, 600 VDC
More results

Similar Description - C44UY6500F7SJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com