Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMQ23496-0815 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part No. CMQ23496-0815
Description  Low Profile aesthetically neutral housing
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LSTD [Laird Tech Smart Technology]
Homepage  http://www.lairdtech.com/
Logo 

CMQ23496-0815 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMQ23496
2300 to 2700 MHz/4900 to 5950 MHz
4-port MIMO Ceiling Mount Antenna
4‐PORT MIMO MULTI‐BAND 
CEILING MOUNTED OMNIDIRECTIONAL ANTENNA 
The Patent Pending CMQ23496 is an indoor broadband 4‐port MIMO  omnidirectional ceiling  mount  
antenna. It is designed to provide pattern coverage that is optimized for indoor requirements at 2300‐
2700 MHz and 4900‐5950 MHz frequency bands. The individual antenna elements are designed to 
radiate a pattern that has been specifically shaped to provide optimal radiation within a coverage zone. 
FEATURES 
Low Profile aesthetically neutral  housing
Mounts directly and easily to ceiling  tile
MARKETS 
Performance optimized using Laird
  
proprietary RF optimization tools
Excellent flame retardancy rating
Four radiating elements optimized
for indoor applications
RoHS compliant
 BENEFITS 
• Provides MIMO/MUMIMO capabilities for multiband 802.11n and 802.11ac applications
• Optional antenna mounting kits are available to accommodate a variety of installation requirements
• Attractive, compact design and form factor ideal for indoor solution applications.
Americas: +1.847 839.6907 
IAS‐AmericasEastSales@lairdtech.com 
Europe: +44.1628.858941 
IAS‐EUSales@lairdtech.com 
Asia:  +86.21.5855.0827.127 
IAS‐AsiaSales@lairdtech.com 
www.lairdtech.com 
PARAMETER
SPECIFICATION
Frequency Bands, MHz 
2300‐2400 
2400‐2500
Peak Gain, dBi (Typ) 
4.4 
4.5 
4.5 
5.4 
Peak Gain, dBi (Max) 
4.9 
5.6 
5.6 
6.3 
VSWR (Typ) 
<1.4:1 
<1.4:1 
<1.8:1 
<1.8:1 
VSWR (Max) 
<2:1 
<2:1 
<2:1 
<2:1 
Isolation, dB (Max) 
< ‐17 
< ‐18 
< ‐18 
< ‐24 
Port 1‐>Port 2, dB (Typ) 
< ‐19 
< ‐19 
< ‐19 
< ‐26 
Port 1‐>Port 3, dB (Typ) 
< ‐20 
< ‐21 
< ‐22 
< ‐24 
Port 1 ‐>Port 4, dB (Typ) 
< ‐20 
< ‐21 
< ‐22 
< ‐25 
Port 2‐>Port 3, dB (Typ) 
< ‐20 
< ‐20 
< ‐21 
< ‐25 
Port 2‐>Port 4, dB (Typ) 
< ‐19 
< ‐20 
< ‐20 
< ‐25 
Port 3‐>Port 4, dB (Typ) 
< ‐19 
< ‐21 
< ‐21 
< ‐26 
Number of Ports 
Polarization  
Linear Vertical 
Azimuth Pattern Beamwidth 
Omnidirectional 
Power 
10 Watts 
Dimensions (diameter x height) 
17.8 cm x 3.2 cm (7" x 1.26")
Weight 
1.18 kg (2.60 lbs.)
Storage Temperature
‐ 40° C to +85° C  ( ‐40° F to 185° F)
Operating Temperature  
‐30° C to +70° C  (‐22° F to 158° F)
Radome 
PC/ABS, UL94‐V0, UV STABLE, WHITE 
Building Operators – offices & meeting rooms
Hospitality – hotels & casinos
Transportation – airport, bus, & train  terminals
Retail – stores & indoor pedestrian malls
Education – libraries & museums
(ABOVE CEILING TITLE MOUNT)         
Part # HKIT‐CMX‐001 
(TILE FLUSH MOUNT) 
Standard
(HARD CEILING EXTENSION MOUNT) 
Part # HKIT‐CMX‐002 
Patent Pending 
CMQ23496
MODEL NUMBER
CABLE LENGTH
CONNECTOR
CMQ23496-75RSMM
4x ‐ 75mm
4x ‐ RSMA Male
WLAN ‐ 802.11n & 802.11ac
  
2500‐2700
4900‐5950
CMQ23496-91NF
4x ‐ 91mm
4x ‐ Type N Female
CMQ23496-91RTNM
4x ‐ 91mm
4x ‐ RTNC Male
Laird warrants to the original end user customer of its products that its products are free from defects in material and
workmanship. Subject to conditions and limitations Laird will, at its option, either repair or replace any part of its products
that prove defective by reason of improper workmanship or materials. This limited warranty is in force for the useful
lifetime of the original end product into which the Laird product is installed. Useful lifetime of the original end product may
vary but is not to exceed five (5) years from the original date of the end product purchase.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn