Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44QY6500A7SJ Datasheet(PDF) 3 Page - Kemet Corporation

Part # C44QY6500A7SJ
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44QY6500A7SJ Datasheet(HTML) 3 Page - Kemet Corporation

  C44QY6500A7SJ Datasheet HTML 1Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 2Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 3Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 4Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 5Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 6Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 7Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 8Page - Kemet Corporation C44QY6500A7SJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
3
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
General Technical Data
Dielectric
Polypropylene Metallized Film – non inductive self-healing
Application
DC Filtering/DC Link
Climatic Category
40/85/21 IEC 60068–1
Maximum Operating Temperature
+90°C
Upper Temperature T
MAX Group A
+85°C IEC 61071 – Endurance Test Temperature
Upper Temperature T
MAX Group B
+70°C IEC 61071 – Endurance Test Temperature
Lower Temperature T
min
−40°C
Standard
IEC 61071
Protection
Aluminium case with or without, threaded bolt M12
Plastic deck flame retardant execution UL 94 V–0
Thermosetting resin sealing UL 94 V–0 compliant
Installation
Any position
Leads
High current M6 or M8 terminals
Packaging
Packed in cardboard boxes with protection for the terminals
RoHS Compliant
Compliant with the restricted substance requirements of
Directive 2002/95/EC
Electrical Characteristics
Capacitance Tolerance
±10% at +25°C
Dissipation Factor (DF)
≤ 0.0002 at 10 kHz with T = 25°C ±5°C
Surge Voltage
1.5 x V
NDC for maximum 10 times in lifetime at +25°C
Over-Voltage (IEC 61071)
1.15 x V
NDC for maximum 30 minimum, once per day
1.3 x V
NDC for maximum 1 minimum, once per day
Peak Non-Repetitive Current
1.5 x I
pkr maximum 1,000 times in lifetime
Insulation Resistance
IR x C ≥ 30,000 seconds at 100 VDC 1 minute at +25°C
Capacitance Deviation in
Operation
±1.5% maximum on capacitance value measured at +25°C
Permissible Relative Humidity
Annual average ≤ 70%; 85% on 30 days/year randomly
distributed throughout the year. Dewing not admissible.
Life Expectancy
Life Expectancy – Group A
100,000 hours at V
NDC @ Hot-Spot temperature THS = 85°C
Life Expectancy – Group B
100,000 hours at V
NDC @ Hot-Spot temperature THS = 70°C
Capacitance drop at end of life
−10% (typical)
Failure Rate IEC 61709
50 FIT at V
NDC at reference THS (see FIT curves)


Similar Part No. - C44QY6500A7SJ

ManufacturerPart #DatasheetDescription
logo
Surge Components
C44 SURGE-C44 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
logo
Texas Instruments
C44-10BSA1-G TI-C44-10BSA1-G Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
logo
Powerex Power Semicondu...
C440 POWEREX-C440 Datasheet
525Kb / 4P
   Phase Control SCR 900 Amperes Average 1600 Volts
logo
Kemet Corporation
C440 KEMET-C440 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440 KEMET-C440 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C44QY6500A7SJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com